Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1017CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1017CSW
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1017CSW Datasheet HTML 8Page - Linear Technology LT1017CSW Datasheet HTML 9Page - Linear Technology LT1017CSW Datasheet HTML 10Page - Linear Technology LT1017CSW Datasheet HTML 11Page - Linear Technology LT1017CSW Datasheet HTML 12Page - Linear Technology LT1017CSW Datasheet HTML 13Page - Linear Technology LT1017CSW Datasheet HTML 14Page - Linear Technology LT1017CSW Datasheet HTML 15Page - Linear Technology LT1017CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1017/LT1018
16
10178ff
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0208 REV F • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Fully Isolated Limit Comparator
PART NUMBER
DESCRIPTION
COMMENTS
LT1011/LT1011A
Voltage Comparators
Improved LT111A, 0.5mV VOS(MAX), 25nA IB(MAX), 3nA IOS(MAX), 250ns tPD(MAX)
LT1020
Micropower Regulator and Comparator
40μA ISUPPLY, 125mA IOUT, 2.5V Reference Voltage
LTC1040
Dual Micropower Comparator
1.5μW (1Sample/Second), 0.5mV VOS(MAX), Rail-to-Rail Input
LT1120/LT1120A
Micropower Regulator with Comparator
and Shutdown
20μA ISUPPLY, 125mA IOUT, 2.5V Reference Voltage
LT319A
Dual Comparators
0.5mV VOS(MAX), 25mA IOUT, 80ns tPD
LT1671
Single Supply Ground Sensing Comparator
450μA ISUPPLY, 60ns tPD, 0.8mV VOS
LT1716
Micropower, 44V, SOT-23
Ground Sensing Comparator
Input Common Mode Range Extends from –5V to 44V from Negative Supply
2
3
1
8
LT1004
1.2V
300k
TRIP
ADJUST
3k
1μF
100μF
TRW
PC-550-32
4
–
+
1/2 LT1018
INPUT
+
1k
5V
100k
100Ω
10k
20k
ALL GATES 74C02
2N3906
2N3904
INTERROGATE
PULSE
500μs
2N3906
INTERROGATE PULSE
OUTPUT PULSE
VIN > VTRIP
NO OUTPUT PULSE FOR VIN < VTRIP
4.7k
200pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com