Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD634 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SD634
Description  POWER TRANSISTORS(7A,40W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SD634 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SD634 Datasheet HTML 1Page - Mospec Semiconductor 2SD634 Datasheet HTML 2Page - Mospec Semiconductor 2SD634 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SD634

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD634 ISC-2SD634 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD634

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SB633 MOSPEC-2SB633 Datasheet
125Kb / 3P
POWER TRANSISTORS(6.0A,85V,40W)
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
POWER TRANSISTORS(4.0A,40W)
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
POWER TRANSISTORS(3A,800V,40W)
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
POWER TRANSISTORS(3A,500V,40W)
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
POWER TRANSISTOR(7A,400V,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
100V/7A, AF 40W Output Applications????
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com