Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1073
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1073 Datasheet HTML 8Page - Linear Technology LT1073 Datasheet HTML 9Page - Linear Technology LT1073 Datasheet HTML 10Page - Linear Technology LT1073 Datasheet HTML 11Page - Linear Technology LT1073 Datasheet HTML 12Page - Linear Technology LT1073 Datasheet HTML 13Page - Linear Technology LT1073 Datasheet HTML 14Page - Linear Technology LT1073 Datasheet HTML 15Page - Linear Technology LT1073 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1073
13
TYPICAL APPLICATIO S
1.5V to 5V Step-Up Converter with Logic Shutdown
9V to 3V Step-Down Converter
1.5V to 5V Step-Up Converter with Low-Battery Detector
9V to 5V Step-Down Converter
+
L1
†
82
µH
5V OUTPUT
100
µF
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7300-12
1073 TA11
909k*
40.2k*
OPERATE
SHUTDOWN
1N4148
1.5V
CELL
74C04
+
L1
†
82
µH
5V OUTPUT
100
µF
LT1073-5
ILIM
VIN
SW1
SENSE
SET
AO
SW2
GND
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7300-12
1073 TA12
1.5V
CELL
442k*
100k*
100k
LO BAT
GOES LOW
AT VBATTERY
= 1.15V
+
L1
†
100
µH
3V OUTPUT
100
µF
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-103k
OR CADDELL-BURNS 7300-13
1073 TA13
9V
BATTERY
220
Ω
536k*
40.2k*
+
L1
†
100
µH
5V OUTPUT
100
µF
LT1073-5
ILIM
VIN
SW1
SENSE
SW2
GND
1N5818
1073 TA14
9V
BATTERY
220
Ω
† L1 = GOWANDA GA10-103k
OR CADDELL-BURNS 7300-13
+
L1
†
47
µH
5V OUTPUT
50mA
100
µF
LT1073-5
ILIM
VIN
SW1
SENSE
SW2
GND
1N5818
† L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
MINIMUM START-UP VOLTAGE = 1.1V
56
Ω
1073 TA15
2.2k
1.5V
CELL
2N3906
+
L1
†
82
µH
5V TO MEMORY,
4.5V WHEN MAIN
SUPPLY OPEN
100
µF**
806k*
40.2k*
1073 TA16
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1.5V
CELL
1N5818
* 1% METAL FILM
**OPTIONAL
† L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7300-12
5V MAIN
SUPPLY
1.5V to 5V Bootstrapped Step-Up Converter
Memory Backup Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com