Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1073
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073 Datasheet(HTML) 2 Page - Linear Technology

  LT1073 Datasheet HTML 1Page - Linear Technology LT1073 Datasheet HTML 2Page - Linear Technology LT1073 Datasheet HTML 3Page - Linear Technology LT1073 Datasheet HTML 4Page - Linear Technology LT1073 Datasheet HTML 5Page - Linear Technology LT1073 Datasheet HTML 6Page - Linear Technology LT1073 Datasheet HTML 7Page - Linear Technology LT1073 Datasheet HTML 8Page - Linear Technology LT1073 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1073
2
Supply Voltage, Step-Up Mode ................................ 15V
Supply Voltage, Step-Down Mode ........................... 36V
SW1 Pin Voltage ...................................................... 50V
SW2 Pin Voltage ........................................... –0.4 to VIN
Feedback Pin Voltage (LT1073) ................................. 5V
Switch Current ........................................................ 1.5A
Maximum Power Dissipation ............................. 500mW
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 100°C/W (N8)
TJMAX = 125°C, θJA = 120°C/W (S8)
Consult factory for parts specified with wider operating temperature ranges.
LT1073CN8
LT1073CN8-5
LT1073CN8-12
LT1073CS8
LT1073CS8-5
LT1073CS8-12
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Switch Off
q
95
130
µA
IQ
Quiescent Current, Step-Up
No Load
LT1073-5
135
µA
Mode Configuration
LT1073-12
250
µA
VIN
Input Voltage
Step-Up Mode
q
1.15
12.6
V
1.0
12.6
V
Step-Down Mode
q
30
V
Comparator Trip Point Voltage
LT1073 (Note 2)
q
202
212
222
mV
VOUT
Output Sense Voltage
LT1073-5 (Note 3)
q
4.75
5
5.25
V
LT1073-12 (Note 3)
q
11.4
12
12.6
V
Comparator Hysteresis
LT1073
q
510
mV
Output Hysteresis
LT1073-5
q
125
250
mV
LT1073-12
q
300
600
mV
fOSC
Oscillator Frequency
q
15
19
23
kHz
DC
Duty Cycle
Full Load (VFB = VREF)
q
65
72
80
%
tON
Switch ON Time
q
30
38
50
µs
IFB
Feedback Pin Bias Current
LT1073, VFB = 0V
q
10
50
nA
ISET
Set Pin Bias Current
VSET = VREF
q
60
120
nA
VAO
AO Output Low
IAO = –100µA
q
0.15
0.4
V
Reference Line Regulation
1V
≤ VIN ≤ 1.5V
q
0.35
1.0
%V
1.5V
≤ VIN ≤ 12V
q
0.05
0.1
%V
VCESAT
Switch Saturation Voltage
VIN = 1.5V, ISW = 400mA
300
400
mV
Set-Up Mode
q
600
mV
VIN = 1.5V, ISW = 500mA
400
550
mV
q
750
mV
VIN = 5V, ISW = 1A
700
1000
mV
q
1500
mV
AV
A2 Error Amp Gain
RL = 100kΩ (Note 4)
q
400
1000
V/V
1
2
3
4
8
7
6
5
TOP VIEW
ILIM
VIN
SW1
SW2
FB (SENSE)*
SET
A0
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
*FIXED VERSIONS
S8 PART MARKING
1073
10735
107312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com