Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1085 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085 Datasheet(HTML) 2 Page - Linear Technology

  RH1085 Datasheet HTML 1Page - Linear Technology RH1085 Datasheet HTML 2Page - Linear Technology RH1085 Datasheet HTML 3Page - Linear Technology RH1085 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RH1085
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
Reference Voltage (Note 5)
IOUT = 10mA (VIN – VOUT) = 3V
1.234
1.258
1.230
1.257
1.225
1.253 1.220
1.247
1.205
1.241
V
10mA
≤ IOUT ≤ IFULL LOAD
1.220
1.275
1.219
1.275
1.215
1.275 1.210
1.275
1.20
1.275
V
1.7V
≤ (VIN – VOUT) ≤ 15V
Line Regulation (Notes 1, 2)
IOUT = 10mA
0.2
0.21
0.23
0.25
0.3
%
1.5V
≤ (VIN – VOUT) ≤ 15V
TJ = 25°C
SUB-
SUB-
PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
Reference Voltage
IOUT = 10mA, (VIN – VOUT) = 3V
1.238 1.250 1.262
1
V
10mA
≤ IOUT ≤ IFULL LOAD,
5
1.225
1.270
1.225
1.270
2,3
V
1.5V
≤ (VIN – VOUT) ≤ 25V
Line Regulation
ILOAD = 10mA, 1.5V ≤ (VIN – VOUT) ≤ 15V
1,2
0.015
0.2
1
0.035
0.2
2,3
%
15V
≤ (VIN – VOUT) ≤ 30V
0.5
1
0.050
0.5
2,3
%
Load Regulation
(VIN – VOUT) = 3V,
1,2,5
0.1
0.3
1
0.2
0.4
2,3
%
10mA
≤ IOUT ≤ IFULL LOAD
Dropout Voltage
ΔVREF = 1%, IOUT = IFULL LOAD
3
1.5
1
1.3
1.5
2,3
V
Current Limit
(VIN – VOUT) = 5V
3.2
1
3.2
4.0
2,3
A
(VIN – VOUT) = 25V
0.2
1
0.2
0.5
2,3
A
Minimum Load Current
(VIN – VOUT) = 25V
10
1
5.0
10
2,3
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.004 0.02
4
%/W
Ripple Rejection
f = 120Hz, CADJ = 25μF,
5
60
4
60
75
5,6
dB
COUT = 25μF Tantalum,
IOUT = IFULL LOAD, (VIN – VOUT) = 3V
Adjust Pin Current
TJ = 25°C
55
120
1
120
2,3
μA
Adjust Pin Current
10mA
≤ IOUT ≤ IFULL LOAD,
5
5
1
0.2
5
2,3
μA
Change
1.5V
≤ (VIN – VOUT) ≤ 25V
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs
4
0.3
%
RMS Output Noise
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
(% of VOUT)
Thermal Resistance
Control Circuitry/Power Transistor
4
0.9/3.0
°C/W
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation)
–55
°C ≤ TJ ≤ 125°C
RH1085
VOUT
ADJ
150
Ω
RH1085 BC
15V
–15V
Total Dose Bias Circuit
10KRAD(Si)
20KRAD(Si)
50KRAD(Si)
100KRAD(Si)
200KRAD(Si)
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com