Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1085 Datasheet(PDF) 3 Page - Linear Technology

Part # RH1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085 Datasheet(HTML) 3 Page - Linear Technology

  RH1085 Datasheet HTML 1Page - Linear Technology RH1085 Datasheet HTML 2Page - Linear Technology RH1085 Datasheet HTML 3Page - Linear Technology RH1085 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH1085
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) T
A = 25°C unless otherwise noted.
10KRAD(Si)
20KRAD(Si)
50KRAD(Si)
100KRAD(Si)
200KRAD(Si)
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown in accordance with method 5004 of MIL-STD-883
Class B. The verified failures of group A, subgroup 1, after burn-in divided
by the total number of devices submitted for burn-in in that lot shall be
used to determine the percent defective for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
Note 1: See thermal regulation specifications for changes in output voltage
due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power
dissipation of 30W for RH1085. Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed
maximum power dissipation will not be available over the full input/output
voltage range.
Note 3: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve
in the LT
®1085 data sheet.
Note 4: Guaranteed by design, characterization, or correlation to other
tested parameters.
Note 5: For compliance with 883 revision C current density specifications,
the RH1085 is rated to 2A.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Load Regulation (Notes 1, 2, 5)
(VIN – VOUT) = 3V
0.3
0.3
0.3
0.3
0.3
%
10mA
≤ IOUT ≤ IFULL LOAD
Dropout Voltage (Note 3)
ΔVREF = 1%, IOUT = 3A
1.5
1.5
1.55
1.6
1.65
V
Current Limit
(VIN – VOUT ) = 5V
3.2
3.17
3.15
3.10
3.0
A
(VIN – VOUT ) = 25V
0.2
0.20
0.20
0.20
0.2
A
Minimum Load Current
(VIN – VOUT ) = 25V
10
10
10
10
10
mA
Adjust Pin Current
120
120
120
120
120
μA
Adjust Pin Current Change
10mA
≤ IOUT ≤ IFULL LOAD
55
5
5
5
μA
(Note 5)
1.5V
≤ (VIN – VOUT) ≤ 15V
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
TOTAL DOSE – KRADS (Si)
1
0.46
0.45
0.44
0.43
0.42
10
100
1000
RH1085 G03
(VIN – VOUT) = 25V
TOTAL DOSE – KRADS (Si)
1
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH1085 G01
10mA
≤ Δ ≤ IOUT ≤ IFULL LOAD
1.7V
≤ (V
IN – VOUT) ≤ 15V
Ripple Rejection
TOTAL DOSE – KRADS (Si)
1
105
100
95
90
85
80
75
70
65
10
100
1000
RH1085 G02
(VIN – VOUT) = 3V
IOUT = IFULL LOAD
Current Limit
TABLE 2: ELECTRICAL TEST REQUIREMENTS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com