Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1213 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # 1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

1213 Datasheet(HTML) 1 Page - Linear Integrated Systems

  1213 Datasheet HTML 1Page - Linear Integrated Systems 1213 Datasheet HTML 2Page - Linear Integrated Systems 1213 Datasheet HTML 3Page - Linear Integrated Systems 1213 Datasheet HTML 4Page - Linear Integrated Systems 1213 Datasheet HTML 5Page - Linear Integrated Systems 1213 Datasheet HTML 6Page - Linear Integrated Systems 1213 Datasheet HTML 7Page - Linear Integrated Systems 1213 Datasheet HTML 8Page - Linear Integrated Systems 1213 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1213/LT1214
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
28MHz, 12V/
µs, Single Supply
Dual and Quad
Precision Op Amps
The LT
®1213 is a dual, single supply precision op amp with
a 28MHz gain-bandwidth product and a 12V/
µs slew rate.
The LT1214 is a quad version of the same amplifier. The
DC precision of the LT1213/LT1214 eliminates trims in
most systems while providing high frequency perfor-
mance not usually found in single supply amplifiers.
The LT1213/LT1214 will operate on any supply greater
than 2.5V and less than 36V total. These amplifiers are
specified at single 3.3V, single 5V and
±15V supplies, and
only require 2.7mA of quiescent supply current per ampli-
fier. The inputs can be driven beyond the supplies without
damage or phase reversal of the output. The minimum
output drive is 30mA, ideal for driving low impedance
loads.
s
2.5V Full-Scale 12-Bit Systems: VOS ≤ 0.45LSB
s
10V Full-Scale 16-Bit Systems: VOS ≤ 1.8LSB
s
Active Filters
s
Photodiode Amplifiers
s
DAC Current-to-Voltage Amplifiers
s
Battery-Powered Systems
Frequency Response
FREQUENCY (Hz)
10k
100k
1M
10M
1213/14 TA02
10
0
–10
–20
–30
–40
–50
–60
Single Supply 3-Pole 1MHz Butterworth Filter
Note: For applications requiring higher slew rate, see the LT1215/LT1216
data sheet. For lower power and lower slew rate, see the LT1211/LT1212 data
sheet.
–
+
VIN
V+
1/2
LT1213
VOUT
1213/14 TA01
R1
680
Ω
4.12k
C2
200pF
R2
680
Ω
R3
680
Ω
C3
390pF
4.12k
5pF
C1
150pF
AV = 2
MAXIMUM OUTPUT OFFSET = 714
µV
0.1
µF
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Slew Rate: 12V/
µs Typ
s
Gain-Bandwidth Product: 28MHz Typ
s
Fast Settling to 0.01%
2V Step to 200
µV: 500ns Typ
10V Step to 1mV: 1.1
µs Typ
s
Excellent DC Precision in All Packages
Input Offset Voltage: 275
µV Max
Input Offset Voltage Drift: 6
µV/°C Max
Input Offset Current: 40nA Max
Input Bias Current: 200nA Max
Open-Loop Gain: 1200V/mV Min
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground While Sinking Current
s
Low Input Noise Voltage: 10nV/
√Hz Typ
s
Low Input Noise Current: 0.2pA/
√Hz Typ
s
Specified at 3.3V, 5V and
±15V
s
Large Output Drive Current: 30mA Min
s
Low Supply Current per Amplifier: 3.5mA Max
s
Dual in 8-Pin DIP and SO-8
s
Quad in 14-Pin DIP and NARROW SO-16


Similar Part No. - 1213

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
Yantel Corporation
1213 YANTEL-1213 Datasheet
454Kb / 2P
Variable RF Inductor
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
ASSUN MOTOR Pte Ltd.
1213 ASSUN-1213 Datasheet
286Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
1213 ASSUN-1213 Datasheet
276Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1213

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com