Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1213 Datasheet(PDF) 20 Page - Linear Integrated Systems

Part # 1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

1213 Datasheet(HTML) 20 Page - Linear Integrated Systems

Back Button 1213 Datasheet HTML 12Page - Linear Integrated Systems 1213 Datasheet HTML 13Page - Linear Integrated Systems 1213 Datasheet HTML 14Page - Linear Integrated Systems 1213 Datasheet HTML 15Page - Linear Integrated Systems 1213 Datasheet HTML 16Page - Linear Integrated Systems 1213 Datasheet HTML 17Page - Linear Integrated Systems 1213 Datasheet HTML 18Page - Linear Integrated Systems 1213 Datasheet HTML 19Page - Linear Integrated Systems 1213 Datasheet HTML 20Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1213/LT1214
S
APPLICATI
TYPICAL
COMMON MODE VOLTAGE (V)
0.01
100
80
60
40
20
0
0.1
1
10
1213/14 TA03b
V+ = 5V
Input Bias Current vs
Common Mode Voltage
Instrumentation Amplifier with Guard/Shield Driver and Input Bias Current Cancellation
Ground Current Sense Amplifier
Difference Amplifier with Wide Input Common Mode Range
1M
RF
1020
Ω
V+
–
+
1/4
LT1214
A
22pF
INPUTS
–
+
OUTPUT
–
+
1/4
LT1214
D
5000pF
1k
RG
113
Ω
1/4
LT1214
B
1M*
1M
–
+
1/4
LT1214
C
200
Ω
RF
1020
Ω
10k**
1k
10k
RG
113
Ω
GUARD
GUARD
1213/14 TA03a
COMMON MODE RIN = 3G
DIFFERENTIAL RIN = 2M
BANDWIDTH = 2MHz
tr = 170ns
GAIN = 10 1 +
= 100
RF
RG
()
*
**
TRIM FOR INPUT BIAS CURRENT
TRIM FOR CMRR
0.1
µF
1k
V+
3.3V
–
+
1/2
LT1213
LT1004-1.2
10k
+IN
750
Ω
0.1
µF
GAIN = 1; VOUT = VREF FOR VIN(DIF) = 0
±10V COMMON MODE RANGE
BANDWIDTH = 3MHz
1k
10k
1.2V
10k
10k
–IN
VOUT
VREF
1213/14 TA05
–
+
5V
1/2
LT1213
IIN
1213/14 TA04
VO = 1V/A
100
Ω
V+
1910
Ω
100pF
LOAD
0.05
Ω
OFFSET
≤ 5.5mA
BANDWIDTH = 500kHz
tr = 1µs
0.1
µF
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
12134fa LT/CP 1001 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1993
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1211/LT1212
14MHz, 7V/
µs Single Supply Dual and Quad Precision Op Amps
Half the Supply Current of the LT1213
LT1215/LT1216
23MHz, 50V/
µs Single Supply Dual and Quad Precision Op Amps
Four Times the Slew Rate of the LT1213
LT1630/LT1631
30MHz, 10V/
µs Dual and Quad Rail-to-Rail
Rail-to-Rail LT1213
Input and Output Precision Op Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com