Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1072 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1072
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072 Datasheet(HTML) 2 Page - Linear Technology

  LT1072 Datasheet HTML 1Page - Linear Technology LT1072 Datasheet HTML 2Page - Linear Technology LT1072 Datasheet HTML 3Page - Linear Technology LT1072 Datasheet HTML 4Page - Linear Technology LT1072 Datasheet HTML 5Page - Linear Technology LT1072 Datasheet HTML 6Page - Linear Technology LT1072 Datasheet HTML 7Page - Linear Technology LT1072 Datasheet HTML 8Page - Linear Technology LT1072 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1072
1072fc
Supply Voltage
LT1072HV (See Note 1) ......................................... 60V
LT1072 (See Note 1) ............................................. 40V
Switch Output Voltage
LT1072HV ............................................................. 75V
LT1072 .................................................................. 65V
LT1072S8 .............................................................. 60V
Feedback Pin Voltage (Transient, 1ms) ................. ±15V
Operating Junction Temperature Range
LT1072HVM, LT1072M (OBSOLETE) .... –55°C to 150°C
LT1072HVC, LT1072C (Oper.)* ............ 0°C to 100°C
LT1072HVC, LT1072C (Sh. Ckt.)* ........ 0°C to 125°C
LT1072HVI ....................................... –40°C to 125°C
Storage Temperature Range ............... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ............... 300°C
*Includes LT1072S8
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Minimum switch “on” time for the LT1072 in current limit is
≈ 0.7µsec. This limits the maximum input voltage during short-circuit
conditions,
in the buck and inverting modes only,
to ≈ 40V. Normal
(unshorted) conditions are not affected. If the LT1072 is being operated in
the buck or inverting mode at high input voltages and short-circuit
conditions are expected, a resistor must be placed in series with the
inductor, as follows:
The value of the resistor is given by:
R =
– RL
(t) (f) (VIN) – Vf
I(LIMIT)
t = Minimum “on” time of LT1072 in current limit, ≈ 0.7µs
f = Operating frequency (40kHz)
Vf = Forward voltage of external catch diode at I(LIMIT)
I(LIMIT) = Current limit of LT1072 (2A)
RL = Internal series resistance of inductor
OBSOLETE PACKAGE
OBSOLETE PACKAGE
Consider the S8 or N8 Packages for Alternate Source
T PACKAGE
5-LEAD TO-220
TJMAX = 100°C/W, θJC = 8°C/W, θJA = 50°C/W
VIN
VC
GND
FB
VSW
FRONT VIEW
5
4
3
2
1
N PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJA = 130°C/W
J PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
GND
VC
FB
NC
E2
VSW
E1
VIN
1
2
3
4
5
6
7
8
SW PACKAGE
16-LEAD PLASTIC SO WIDE
TJMAX = 100°C, θJC = 130°C/W
16
15
14
13
12
11
10
9
NC
NC
GND
VC
FB
NC
NC
NC
NC
NC
E2
VSW
E1
VIN
NC
NC
TOP VIEW
BOTTOM VIEW
K PACKAGE
4-LEAD TO-3 METAL CAN
TJMAX = 150°C, θJC = 8°C/W, θJA = 35°C/W
TJMAX = 100°C*, θJC = 8°C/W, θJA = 35°C/W
CASE IS
GND
VC
1
4
2
3
FB
VSW
VIN
LT1072HVMK
LT1072MK
LT1072HVCK
LT1072CK
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1072CT
LT1072HVCT
LT1072HVIT
LT1072CN8
LT1072CS8
LT1072MJ8
LT1072CJ8
LT1072CSW
LT1072 • POI01
1
2
3
4
8
7
6
5
TOP VIEW
E2
VSW
E1
VIN
GND
VC
FB
NC
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 130°C/W
S8 PART
MARKING
1072
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com