Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1072 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1072
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1072 Datasheet(HTML) 3 Page - Linear Technology

  LT1072 Datasheet HTML 1Page - Linear Technology LT1072 Datasheet HTML 2Page - Linear Technology LT1072 Datasheet HTML 3Page - Linear Technology LT1072 Datasheet HTML 4Page - Linear Technology LT1072 Datasheet HTML 5Page - Linear Technology LT1072 Datasheet HTML 6Page - Linear Technology LT1072 Datasheet HTML 7Page - Linear Technology LT1072 Datasheet HTML 8Page - Linear Technology LT1072 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1072
1072fc
SYMBOL
PARAMETER
CONDITlONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.224
1.244
1.264
V
VC = 0.8V
●
1.214
1.244
1.274
V
IB
Feedback Input Current
VFB = VREF
350
750
nA
●
1100
nA
gm
Error Amplifier
∆IC = ±25µA
3000
4400
6000
µmho
Transconductance
●
2400
7000
µmho
Error Amplifier Source or
VC = 1.5V
150
200
350
µA
Sink Current
●
120
400
µA
Error Amplifier Clamp
Hi Clamp, VFB = 1V
1.8
2.3
V
Voltage
Lo Clamp, VFB = 1.5V
0.25
0.38
0.52
V
Reference Voltage Line
3V ≤ VIN ≤ VMAX
●
0.03
%/V
Regulation
VC = 0.8V
%/V
AV
Error Amplifier Voltage Gain
0.9V ≤ VC ≤ 1.4V
500
800
V/V
Minimum Input Voltage
●
2.6
3.0
V
IQ
Supply Current
3V ≤ VIN ≤ VMAX, VC = 0.6V
6
9
mA
Control Pin Threshold
Duty Cycle = 0
0.8
0.9
1.08
V
●
0.6
1.25
V
Normal/Flyback Threshold on Feedback Pin
0.4
0.45
0.54
V
VFB
Flyback Reference Voltage
lFB = 50µA15
16.3
17.6
V
●
14
18
V
Change in Flyback Reference Voltage
0.05 ≤ IFB ≤ 1mA
4.5
6.8
8.5
V
Flyback Reference Voltage
lFB = 50µA
0.01
0.03
%/V
Line Regulation
3V ≤ VIN ≤ VMAX (Note 4)
%/V
Flyback Amplifier Transconductance (gm)
∆IC = ±10µA
150
300
650
µmho
Flyback Amplifier Source
VC = 0.6V
Source
●
15
32
70
µA
and Sink Current
IFB = 50µA Sink
●
25
40
70
µA
BV
Output Switch Breakdown
3V ≤ VIN ≤ VMAX
LT1072
●
65
90
V
Voltage
ISW = 1.5mA
LT1072HV
●
75
90
V
LT1072S8
●
60
80
V
VSAT
Output Switch ON Resistance (Note 2)
ISW = 1.25A
●
0.6
1
Ω
Control Voltage to Switch Current Transconductance
2
A/V
ILIM
Switch Current Limit
Duty Cycle = 50%
TJ ≥ 25°C
●
1.25
3
A
Duty Cycle = 50%
TJ < 25°C
●
1.25
3.5
A
Duty Cycle = 80% (Note 3)
●
1
2.5
A
∆IIN
Supply Current Increase
25
35
mA/A
∆ISW
During Switch ON Time
f
Switching Frequency
35
40
45
kHz
●
33
47
kHz
DC (max)
Maximum Switch Duty Cycle
90
92
97
%
Flyback Sense Delay Time
1.5
µs
Shutdown Mode
3V ≤ VIN ≤ VMAX
100
250
µA
Supply Current
VC = 0.05V
Shutdown Mode
3V ≤ VIN ≤ VMAX
100
150
250
mV
Threshold Voltage
●
50
300
mV
The ● denotes specifications which apply over the full operating
temperature range. Unless otherwise specified, VIN = 15V, VC = 0.5V, VFB = VREF, output pin open.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Measured with VC in hi clamp, VFB = 0.8V.
Note 3: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current is given by ILIM = 0.833 (2 – DC).
Note 4: VMAX = 55V for LT1072HV to avoid switch breakdown.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com