Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1213 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1213 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1213 Datasheet HTML 7Page - Linear Integrated Systems LT1213 Datasheet HTML 8Page - Linear Integrated Systems LT1213 Datasheet HTML 9Page - Linear Integrated Systems LT1213 Datasheet HTML 10Page - Linear Integrated Systems LT1213 Datasheet HTML 11Page - Linear Integrated Systems LT1213 Datasheet HTML 12Page - Linear Integrated Systems LT1213 Datasheet HTML 13Page - Linear Integrated Systems LT1213 Datasheet HTML 14Page - Linear Integrated Systems LT1213 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1213/LT1214
100ns/DIV
VS = 5V
AV = 1
1213/14 G31
5V Settling
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
±15V Small-Signal Response
50ns/DIV
VS = ±15V
AV = 1
1213/14 G28
5V Small-Signal Response
Settling Time to 0.01%
vs Output Step
10V
0V
–10V
±15V Large-Signal Response
3V
0V
5V Large-Signal Response
±15V Large-Signal Response
3V
0V
5V Large-Signal Response
±15V Settling
10V
0V
–10V
200ns/DIV
VS = ±15V
AV = –1
1213/14 G32
SETTLING TIME (ns)
300
500
900
1213/14 G33
10
8
6
4
2
0
–2
–4
–6
–8
–10
1100
INVERTING
VS = ±15V
700
NONINVERTING
NONINVERTING
INVERTING
400
600
800
1000
200ns/DIV
VS = 5V
AV = 1
1213/14 G26
50ns/DIV
VS = 5V
AV = 1
1213/14 G25
200ns/DIV
VS = 5V
AV = –1
RF = RG = 1k
CF = 20pF
1213/14 G27
1
µs/DIV
VS = ±15V
AV = 1
1213/14 G29
1
µs/DIV
VS = ±15V
AV = –1
RF = RG = 1k
1213/14 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com