Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1213 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1213
Description  28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1213 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1213 Datasheet HTML 1Page - Linear Integrated Systems LT1213 Datasheet HTML 2Page - Linear Integrated Systems LT1213 Datasheet HTML 3Page - Linear Integrated Systems LT1213 Datasheet HTML 4Page - Linear Integrated Systems LT1213 Datasheet HTML 5Page - Linear Integrated Systems LT1213 Datasheet HTML 6Page - Linear Integrated Systems LT1213 Datasheet HTML 7Page - Linear Integrated Systems LT1213 Datasheet HTML 8Page - Linear Integrated Systems LT1213 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1213/LT1214
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted.
LT1213AC
LT1213C/LT1213M
LT1213AM
LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
75
150
100
275
µV
∆VOS
Long-Term Input Offset
0.5
0.6
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
5
30
5
40
nA
IB
Input Bias Current
80
160
100
200
nA
Input Noise Voltage
0.1Hz to 10Hz
200
200
nVP-P
en
Input Noise Voltage Density
fO = 10Hz
10
10
nV/
√Hz
fO = 1000Hz
10
10
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
0.9
0.9
pA/
√Hz
fO = 1000Hz
0.2
0.2
pA/
√Hz
Input Resistance (Note 4)
Differential Mode
10
40
10
40
M
Ω
Common Mode
200
200
M
Ω
Input Capacitance
f = 1MHz
10
10
pF
Input Voltage Range
3.5
3.8
3.5
3.8
V
0
– 0.3
0
– 0.3
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
90
105
86
105
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
93
116
90
116
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
250
850
250
850
V/mV
Maximum Output Voltage Swing Output High, No Load
4.30
4.39
4.30
4.39
V
(Note 5)
Output High, ISOURCE = 1mA
4.20
4.30
4.20
4.30
V
Output High, ISOURCE = 20mA
3.80
3.92
3.80
3.92
V
Output Low, No Load
0.004
0.007
0.004
0.007
V
Output Low, ISINK = 1mA
0.033
0.050
0.033
0.050
V
Output Low, ISINK = 20mA
0.475
0.620
0.475
0.620
V
IO
Maximum Output Current
(Note 10)
±30
±50
±30
±50
mA
SR
Slew Rate
AV = – 2
8.5
8.5
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
26
26
MHz
IS
Supply Current per Amplifier
2.0
2.7
3.8
2.0
2.7
3.8
mA
Minimum Supply Voltage
Single Supply, VCM = 0V
2.2
2.5
2.2
2.5
V
Full Power Bandwidth
AV = 1, VO = 2.5VP-P
1.0
1.0
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, VO = 100mV
24
24
ns
OS
Overshoot
AV = 1, VO = 100mV
30
30
%
tPD
Propagation Delay
AV = 1, VO = 100mV
17
17
ns
tS
Settling Time
0.01%, AV = 1, ∆VO = 2V
500
500
ns
Open-Loop Output Resistance
IO = 0mA, f = 10MHz
50
50
Ω
THD
Total Harmonic Distortion
AV = 1, VO = 1VRMS, 20Hz to 20kHz
0.001
0.001
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com