Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1007CS8
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1007CS8 Datasheet HTML 1Page - Linear Technology LT1007CS8 Datasheet HTML 2Page - Linear Technology LT1007CS8 Datasheet HTML 3Page - Linear Technology LT1007CS8 Datasheet HTML 4Page - Linear Technology LT1007CS8 Datasheet HTML 5Page - Linear Technology LT1007CS8 Datasheet HTML 6Page - Linear Technology LT1007CS8 Datasheet HTML 7Page - Linear Technology LT1007CS8 Datasheet HTML 8Page - Linear Technology LT1007CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1007/LT1037
sn100737 100737fbs
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Supply Voltage ......................................................
±22V
Input Voltage ............................ Equal to Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Differential Input Current (Note 9) .....................
±25mA
Storage Temperature Range ................. – 65
°C to 150°C
TOP VIEW
V+
VOS TRIM
VOS
TRIM
–IN
OUT
NC
+IN
V– (CASE)
8
7
6
5
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–
+
2
3
TJMAX = 150°C, θJA = 150°C/ W, θJC = 45°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VOS
TRIM
VOS
TRIM
V+
OUT
NC
–IN
+IN
V–
–
+
N8 PACKAGE
8-LEAD PDIP
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
VOS
TRIM
VOS
TRIM
V+
OUT
NC
–IN
+IN
V–
TJMAX = 150°C, θJA = 190°C/ W
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
1007
1007I
1037
1037I
LT1007ACN8
LT1007CN8
LT1007IN8
LT1037ACN8
LT1037CN8
LT1037IN8
LT1007ACH
LT1007AMH
LT1007CH
LT1007MH
LT1037ACH
LT1037AMH
LT1037CH
LT1037MH
TJMAX = 100°C, θJA = 130°C/ W (N8)
S8 PART MARKING
LT1007CS8
LT1007IS8
LT1037CS8
LT1037IS8
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Lead Temperature (Soldering, 10 sec.)................. 300
°C
Operating Temperature Range
LT1007/LT1037AC, C ............................. 0
°C to 70°C
LT1007/LT1037I ............................... – 40
°C to 85°C
LT1007/LT1037AM, M (OBSOLETE) –55
°C to 125°C
LT1007ACJ8
LT1007AMJ8
LT1007CJ8
LT1007MJ8
LT1037ACJ8
LT1037AMJ8
LT1037CJ8
LT1037MJ8
TJMAX = 150°C, θJA = 100°C/ W (J8)
J8 PACKAGE
LEAD CERDIP
OBSOLETE PACKAGE
OBSOLETE PACKAGE
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, unless otherwise noted.
LT1007AC/AM
LT1007C/I/M
LT1037AC/AM
LT1037C/I/M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
10
25
20
60
µV
∆VOS
Long Term Input Offset
(Notes 3, 4)
0.2
1.0
0.2
1.0
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
7
30
12
50
nA
IB
Input Bias Current
±10
±35
±15
±55
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Notes 4, 6)
0.06
0.13
0.06
0.13
µVP-P
Input Noise Voltage Density
fO = 10Hz (Notes 4, 5)
2.8
4.5
2.8
4.5
nV/
√Hz
fO = 1000Hz (Note 4)
2.5
3.8
2.5
3.8
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz (Notes 4, 7)
1.5
4.0
1.5
4.0
pA/
√Hz
fO = 1000Hz (Notes 4, 7)
0.4
0.6
0.4
0.6
pA/
√Hz
Consider the N8 Package for Alternate Source
Consider the N8 or S8 Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com