Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1007CS8
Description  Low Noise, High Speed Precision Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1007CS8 Datasheet HTML 1Page - Linear Technology LT1007CS8 Datasheet HTML 2Page - Linear Technology LT1007CS8 Datasheet HTML 3Page - Linear Technology LT1007CS8 Datasheet HTML 4Page - Linear Technology LT1007CS8 Datasheet HTML 5Page - Linear Technology LT1007CS8 Datasheet HTML 6Page - Linear Technology LT1007CS8 Datasheet HTML 7Page - Linear Technology LT1007CS8 Datasheet HTML 8Page - Linear Technology LT1007CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1007/LT1037
sn100737 100737fbs
TYPICAL PERFORMANCE CHARACTERISTICS
VOLTAGE NOISE DENSITY (nV/
√Hz)
0
140
120
100
80
60
40
20
0
1
5
7
1007/37 G01
4
9
10
2
3
68
VS = ±15V
TA = 25°C
497 UNITS MEASURED
FROM SIX RUNS
FREQUENCY (Hz)
1
1
3
10
30
100
10
1000
1007/37 G02
0.1
100
VS = ±15V
TA = 25°C
1/f CORNER = 2Hz
MAXIMUM
TYPICAL
Voltage Noise vs Frequency
0.01Hz to 1Hz Peak-to-Peak Noise
TIME (SEC)
020
40
60
80
100
1007/37 G04
FREQUENCY (Hz)
10
0.1
0.3
3
1
10
100
1k
10k
1007/37 G07
1/f CORNER = 120Hz
MAXIMUM
TYPICAL
TEMPERATURE (
°C)
–50
5
4
3
2
1
0
0
50
75
1007/37 G06
–25
25
100
125
AT 10Hz
VS = ±15V
AT 1kHz
10Hz Voltage Noise Distribution
Total Noise vs Source Resistance
Voltage Noise vs Temperature
SOURCE RESISTANCE (k
Ω)
0.1
1
10
100
1000
1
10
100
1007/37 G05
VS = ±15V
TA = 25°C
SOURCE RESISTANCE = 2R
R
R
AT 1kHz
AT 10Hz
RESISTOR
NOISE ONLY
Current Noise vs Frequency
BANDWIDTH (kHz)
0.1
0.01
0.1
1
10
1
10
100
1007/37 G08
Wideband Voltage Noise
(0.1Hz to Frequency Indicated)
SUPPLY VOLTAGE (
±V)
0
5
4
3
2
1
0
20
1007/37 G09
5
10
15
25
AT 10Hz
TA = 25°C
AT 1kHz
Voltage Noise vs Supply Voltage
0.02Hz to 10Hz RMS Noise. Gain = 50,000
(Measured on HP3582 Spectrum Analyzer)
MARKER AT 2Hz ( = 1/f CORNER) =
179
µV/√Hz
50,000
nV
√Hz
= 3.59
1007/37 G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com