Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1077 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 2 Page - Linear Technology

  LT1077 Datasheet HTML 1Page - Linear Technology LT1077 Datasheet HTML 2Page - Linear Technology LT1077 Datasheet HTML 3Page - Linear Technology LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1077
1077fa
LT1077AMH
LT1077MH
LT1077ACH
LT1077CH
LT1077S8
LT1077IS8
LT1077AIN8
LT1077IN8
LT1077ACN8
LT1077CN8
ORDER PART NUMBER
ORDER PART NUMBER
1077
1077I
S8 PART MARKING
TOP VIEW
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
V+
VOS TRIM
VOS TRIM
–IN
OUT
NC
+IN
V–
8
7
5
6
3
2
1
4
A
+
–
+
–
B
ORDER PART NUMBER
LT1077AMJ8
LT1077MJ8
LT1077ACJ8
LT1077CJ8
TOP VIEW
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
NC
LT1077 • POI01
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
VOS TRIM
V+
OUT
NC
VOS TRIM
–IN
+IN
V–
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 190°C/W
LT1077AM/AI/AC
LT1077M/I/C/S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
9
40
10
60
µV
LT1077S8
12
150
µV
∆VOS
Long Term Input Offset
0.4
0.4
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
0.06
0.35
0.06
0.45
nA
IB
Input Bias Current
7
9
7
11
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note3)
0.5
1.1
0.5
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 3)
28
43
28
nV/√Hz
fO = 1000Hz (Note3)
27
35
27
nV/√Hz
in
Input Noise Current
0.1Hz to 10Hz (Note3)
2.5
4.5
2.5
pAP-P
Supply Voltage ...................................................... ±22V
Differential Input Voltage ....................................... ±30V
Input Voltage ............... Equal to Positive Supply Voltage
Input Voltage ............ 5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Consult LTC Marketing for parts specified with wider operating temperature ranges.
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C unless noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Operating Temperature Range
LT1077AM/LT1077M (OBSOLETE).... – 55°C to 125°C
LT1077AI/LT1077I .............................. – 40°C to 85°C
LT1077AC/LT1077C/LT1077S8 ............... 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
(Note 1)
OBSOLETE PACKAGE
Consider the N8 or S8 Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com