Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1077 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1077
Description  Micropower, Single Supply, Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077 Datasheet(HTML) 4 Page - Linear Technology

  LT1077 Datasheet HTML 1Page - Linear Technology LT1077 Datasheet HTML 2Page - Linear Technology LT1077 Datasheet HTML 3Page - Linear Technology LT1077 Datasheet HTML 4Page - Linear Technology LT1077 Datasheet HTML 5Page - Linear Technology LT1077 Datasheet HTML 6Page - Linear Technology LT1077 Datasheet HTML 7Page - Linear Technology LT1077 Datasheet HTML 8Page - Linear Technology LT1077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1077
1077fa
LT1077AC
LT1077C/S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
30
110
35
150
µV
LT1077S8
●
40
280
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
●
0.4
1.6
0.5
2.0
µV/°C
LT1077S8 (Note 6)
0.7
3.0
µV/°C
IOS
Input Offset Current
●
0.07
0.45
0.07
0.60
nA
IB
Input Bias Current
●
710
7
12
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
●
94
105
90
104
dB
PSRR
Power Supply Rejection Ratio
VS = 2.6V to 12V
●
100
116
97
115
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.5V, RL = 50k
●
180
800
150
800
V/mV
Maximum Output Voltage Swing
Output Low, No Load
●
4.0
7
4.0
7
mV
Output Low, ISINK = 100µA
●
100
150
100
150
mV
Output High, No Load
●
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
●
3.3
3.8
3.3
3.8
V
IS
Supply Current
●
52
70
52
80
µA
The ● denotes the specifications which apply over the temperature range
of 0°C ≤ TA ≤ 70°C otherwise, specifications are at TA = 25°C. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V unless noted.
ELECTRICAL CHARACTERISTICS
LT1077AM/AI/AC
LT1077M/I/C/S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
20
150
25
200
µV
LT1077S8
30
300
µV
IOS
Input Offset Current
0.06
0.35
0.06
0.45
nA
IB
Input Bias Current
7
9
7
11
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
– 15.0
– 15.3
– 15.0
– 15.3
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V to –15V
100
109
97
108
dB
PSRR
Power Supply Rejection Ratio
VS = 5V, 0V to ±18V
106
122
103
120
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 50k
1000
8000
800
8000
V/mV
VO = ±10V, RL = 2k
400
1500
300
1500
V/mV
VOUT
Maximum Output Voltage Swing
RL = 50k
±13.0
±14.0
±13.0
±14.0
V
RL = 2k
±11.0
±13.2
±11.0
±13.2
V
SR
Slew Rate
0.07
0.12
0.07
0.12
V/µs
IS
Supply Current
56
75
56
85
µA
VS = ±15V, TA = 25°C unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com