Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P721 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # P721
Description  5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P721 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  P721 Datasheet HTML 1Page - Connor-Winfield Corporation P721 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor Winfield P721 is a
Fixed Frequency, Surface Mount
Crystal Controlled Oscillator (XO)
designed for applications
requiring low jitter and a ±50ppm,
-10 to 70°C overall stability,
LVPECL Differential Outputs and
Tri-state Enable / Disable
function. The P721 is designed
using a 2X or 4X PLL
multiplication to achieve the high
frequency output.
1
2
P721
- 311.04MHz
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE FUNCTION
LOW JITTER <2pS RMS
OVERALL FREQUENCY TOLERANCE:
±50ppm
TEMPERATURE RANGE: -10 to 70°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
5x7.0mm SURFACE MOUNT 3.3V LVPECL
HIGH FREQUENCY OSCILLATOR
P721
Ec247
00
01/29/07
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
(Vcc)
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
250
-
800
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
-10
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
60
100
mA
Jitter (BW=10Hz to 20MHz)
-
-
8
ps RMS
Jitter (BW=12kHz to 20MHz)
-
-
2
ps RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
Enable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
PECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
0.5
ns
Notes
1)
Includes calibration @ 25°C, frequency stability vs. temperature, supply and load variations, shock, vibration and 20
years aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 1.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package and metal cover.


Similar Part No. - P721

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P72-10M PANDUIT-P72-10M Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
P72-C PANDUIT-P72-C Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
P72-D PANDUIT-P72-D Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
logo
Hamamatsu Corporation
P722-10R HAMAMATSU-P722-10R Datasheet
114Kb / 2P
CbS photoconductive cell
P722-5R HAMAMATSU-P722-5R Datasheet
106Kb / 2P
Resin coating type (5R type)
More results

Similar Description - P721

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
L703 CONNOR-WINFIELD-L703 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
L753 CONNOR-WINFIELD-L753 Datasheet
158Kb / 2P
HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P731 CONNOR-WINFIELD-P731 Datasheet
198Kb / 2P
3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X431 CONNOR-WINFIELD-X431 Datasheet
134Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com