Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3150 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Figure 33. Recommended LED Drive Circuit for Ultra-High CMR.
Figure 32. Not Recommended Open Collector Drive Circuit.
tPHL MAX
tPLH MIN
PDD* MAX = (tPHL- tPLH)MAX = tPHL MAX - tPLH MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR PDD CALCULATIONS THE PROPAGATION DELAYS
ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
HCPL-3150 fig 34
Figure 34. Minimum LED Skew for Zero Dead Time.
Figure 35. Waveforms for Dead Time.
tPLH
MIN
MAXIMUM DEAD TIME
(DUE TO OPTOCOUPLER)
= (tPHL MAX - tPHL MIN) + (tPLH MAX - tPLH MIN)
= (tPHL MAX - tPLH MIN) – (tPHL MIN - tPLH MAX)
= PDD* MAX – PDD* MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR DEAD TIME AND PDD CALCULATIONS ALL PROPAGATION
DELAYS ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
HCPL-3150 fig 35
tPHL MIN
tPHL MAX
tPLH MAX
= PDD* MAX
(tPHL-tPLH) MAX
HCPL-3150 fig 32
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V
Q1
ILEDN
HCPL-3150 fig 33
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com