Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC431 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC431
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC431 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC431 Datasheet HTML 1Page - Suntac Electronic Corp. STC431 Datasheet HTML 2Page - Suntac Electronic Corp. STC431 Datasheet HTML 3Page - Suntac Electronic Corp. STC431 Datasheet HTML 4Page - Suntac Electronic Corp. STC431 Datasheet HTML 5Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
STC431
Programmable Voltage Reference
Features
• Programmable output voltage to 36 volts
• Sink current capability of 1.0mA to 100mA
• Low dynamic impedance 0.15Ω typical
• Temperature compensated for operation over full rated operating temperature
• Equivalent full-range temperature coefficient of 50ppm/°C (Typical)
• Low output Noise voltage
• Voltage reference tolerance : ±1.0% (Ta=25℃)
Ordering Information
Type NO.
Marking
Package Code
STC431
STC431
TO-92
Outline Dimensions
unit : mm
Symbol
PIN Connections
1. Reference
2. Anode
3. Cathode
4.5
±0.1
0.4
±0.02
1.27 Typ.
2.54 Typ.
1 2 3
3.45
±0.1
2.25
±0.1
2.06
±0.1
Functional block diagram


Similar Part No. - STC431

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STC4301D STANSON-STC4301D Datasheet
2Mb / 8P
N&P Pair Enhancement Mode MOSFET
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
logo
AUK corp
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC4350F KODENSHI-STC4350F Datasheet
383Kb / 6P
NPN Silicon Transistor
STC4350F KODENSHI-STC4350F Datasheet
391Kb / 6P
NPN Silicon Transistor
More results

Similar Description - STC431

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com