Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1490ACMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1490ACMS8
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490ACMS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1490ACMS8 Datasheet HTML 1Page - Linear Technology LT1490ACMS8 Datasheet HTML 2Page - Linear Technology LT1490ACMS8 Datasheet HTML 3Page - Linear Technology LT1490ACMS8 Datasheet HTML 4Page - Linear Technology LT1490ACMS8 Datasheet HTML 5Page - Linear Technology LT1490ACMS8 Datasheet HTML 6Page - Linear Technology LT1490ACMS8 Datasheet HTML 7Page - Linear Technology LT1490ACMS8 Datasheet HTML 8Page - Linear Technology LT1490ACMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1490A/LT1491A
sn1490, 14901afbs
Total Supply Voltage (V + to V –) ............................. 44V
Differential Input Voltage ........................................ 44V
Input Current (Note 9) .......................................
±12mA
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range (Note 3)
LT1490AC/LT1491AC ......................... – 40
°C to 85°C
LT1490AI/LT1491AI ........................... – 40
°C to 85°C
LT1490AH/LT1491AH ...................... – 40
°C to 125°C
*Temperature grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1490ACS8
LT1490AIS8
LT1490AHS8
LT1490ACN8
LT1490AIN8
TJMAX = 150°C, θJA = 250°C/ W
S8/N8
PART MARKING
MS8
PART MARKING
ORDER PART
NUMBER
LTNG
LTPU
LTRK
1490A
1490AI
1490AH
LT1490ACMS8
LT1490AIMS8
LT1490AHMS8
Specified Temperature Range (Note 4)
LT1490AC/LT1490AI .......................... – 40
°C to 85°C
LT1491AC/LT1491AI .......................... – 40
°C to 85°C
LT1490AH/LT1491AH ...................... – 40
°C to 125°C
Junction Temperature .......................................... 150
°C
Junction Temperature (DD/DHC Package) ........... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Storage Temperature Range
DD/DHC Package ............................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
V+
OUT B
–IN B
+IN B
A
B
OUT A
–IN A
+IN A
V–
ORDER PART
NUMBER
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 110°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
LT1491ACS
LT1491AIS
LT1491AHS
LT1491ACN
LT1491AIN
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 160°C/ W (NOTE 2)
UNDERSIDE METAL CONNECTED TO V–
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
ORDER PART
NUMBER
LT1490ACDD
LT1490AIDD
DD
PART MARKING*
LAAH
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
TOP VIEW
DHC16 PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
A
D
B
C
TJMAX = 125°C, θJA = 160°C/ W (NOTE 2)
UNDERSIDE METAL CONNECTED TO V–
ORDER PART
NUMBER
LT1491ACDHC
LT1491AIDHC
DHC
PART MARKING*
1491A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com