Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1490ACMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1490ACMS8
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490ACMS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1490ACMS8 Datasheet HTML 1Page - Linear Technology LT1490ACMS8 Datasheet HTML 2Page - Linear Technology LT1490ACMS8 Datasheet HTML 3Page - Linear Technology LT1490ACMS8 Datasheet HTML 4Page - Linear Technology LT1490ACMS8 Datasheet HTML 5Page - Linear Technology LT1490ACMS8 Datasheet HTML 6Page - Linear Technology LT1490ACMS8 Datasheet HTML 7Page - Linear Technology LT1490ACMS8 Datasheet HTML 8Page - Linear Technology LT1490ACMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1490A/LT1491A
sn1490, 14901afbs
LT1490AH/LT1491AH
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 5)
LT1490AHS8
110
500
µV
●
2500
µV
LT1490AHMS8, LT1491AHS
220
1000
µV
●
3000
µV
Input Offset Voltage Drift (Note 9)
●
36
µV/°C
IOS
Input Offset Current
●
2nA
VCM = 44V (Note 6)
●
1.5
µA
IB
Input Bias Current
●
20
nA
VCM = 44V (Note 6)
●
15
µA
Input Voltage Range
●
0.3
44
V
CMRR
Common Mode Rejection Ratio
VCM = 0.3V to VCC –1V
●
60
dB
(Note 6)
VCM = 0.3V to 44V
●
74
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
●
25
V/MV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
●
50
V/mV
VOL
Output Voltage Swing Low
VS = 3V, No Load
●
15
mV
VS = 3V, ISINK = 2.5mA
●
450
mV
VS = 5V, No Load
●
15
mV
VS = 5V, ISINK = 2.5mA
●
500
mV
VOH
Output Voltage Swing High
VS = 3V, No Load
●
2.925
V
VS = 3V, ISOURCE = 5mA
●
2.350
V
VS = 5V, No Load
●
4.925
V
VS = 5V, ISOURCE = 10mA
●
4.100
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VO = 1V
●
80
dB
Minimum Operating Supply Voltage
●
2.5
V
Reverse Supply Voltage
IS = – 100µA per Amplifier
●
18
V
The
● denotes specifications which apply over the full operating temperature range of – 40
°C ≤ TA ≤ 125°C. VS = 3V, 0V; VS = 5V, 0V;
VCM = VOUT = half supply unless otherwise noted. (Note 4)
LT1490AC/LT1491AC
LT1490AI/LT1491AI
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current (Note 2)
Short to GND
±20
±25
mA
0
°C ≤ TA ≤ 70°C
●
±15
mA
–40
°C ≤ TA ≤ 85°C
●
±10
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.25V to ±22V
●
88
98
dB
IS
Supply Current per Amplifier
50
70
µA
●
85
µA
GBW
Gain Bandwidth Product
f = 1kHz
125
200
kHz
0
°C ≤ TA ≤ 70°C
●
110
kHz
–40
°C ≤ TA ≤ 85°C
●
100
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V,
0.0375
0.07
V/
µs
Measure at VO = ±5V
0
°C ≤ TA ≤ 70°C
●
0.0330
V/
µs
–40
°C ≤ TA ≤ 85°C
●
0.0300
V/
µs
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range of – 40
°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. VS = ±15V; VCM = 0V, VOUT = 0V unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com