Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM101-DP Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # AM101-DP
Description  Surface-mounted chip LED device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AM101-DP Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button AM101-DP Datasheet HTML 5Page - Seoul Semiconductor AM101-DP Datasheet HTML 6Page - Seoul Semiconductor AM101-DP Datasheet HTML 7Page - Seoul Semiconductor AM101-DP Datasheet HTML 8Page - Seoul Semiconductor AM101-DP Datasheet HTML 9Page - Seoul Semiconductor AM101-DP Datasheet HTML 10Page - Seoul Semiconductor AM101-DP Datasheet HTML 11Page - Seoul Semiconductor AM101-DP Datasheet HTML 12Page - Seoul Semiconductor AM101-DP Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
●
Reel Packing Structure
Aluminum Vinyl Bag
Outer Box
Reel
CHIP LED
SEOUL SEMICONDUCTOR CO.,LTD
a
b
Q'YT : 40,000EA
DATE :
LOT NO :
CODE :
b
220
*Material: Paper(SW3B(B))
SIZE(mm)
7inch
TYPE
c
a
245
c
142
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
수량
4000
수량
4000
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
##
##
Semiconductor EcoLight
Acriche
TUV
RoHS
MADE IN KOREA
제품명 SSC-AM101-DP
제품명 SSC-AM101-DP
PART : SSC-AM101-DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com