Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM101-DP Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # AM101-DP
Description  Surface-mounted chip LED device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AM101-DP Datasheet(HTML) 4 Page - Seoul Semiconductor

  AM101-DP Datasheet HTML 1Page - Seoul Semiconductor AM101-DP Datasheet HTML 2Page - Seoul Semiconductor AM101-DP Datasheet HTML 3Page - Seoul Semiconductor AM101-DP Datasheet HTML 4Page - Seoul Semiconductor AM101-DP Datasheet HTML 5Page - Seoul Semiconductor AM101-DP Datasheet HTML 6Page - Seoul Semiconductor AM101-DP Datasheet HTML 7Page - Seoul Semiconductor AM101-DP Datasheet HTML 8Page - Seoul Semiconductor AM101-DP Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
2. Electro-Optical Characteristics
℃
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
65
P
d
Power Dissipation
℃
-30 ~ 85
T
opr.
Operation Temperature
mA
50
I
FM
*1
Peak Forward Current
mA
30
I
F
Forward Current
Unit
Value
Symbol
Parameter
(Ta=25℃)
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
nm
I
F=20 ㎃
Spectral Bandwidth
-
30
-
Δλ
-
600
80
-
1.9
Min
-
615
-
10
2.3
Max
120
606
120
-
2.0
Typ
˚
I
F=20 ㎃
2θ
1/2
Viewing Angle*3
V
I
F=20 ㎃
V
F
Forward Voltage
nm
I
F=20 ㎃
λ
d
Wavelength
mcd
I
F=20 ㎃
I
V
Luminous Intensity*2
㎂
V
R=5V
I
R
Reverse Current
Unit
Condition
Symbol
Parameter-
(Ta=25℃)
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com