Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0001 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HT0001
Description  1 - 150 MHz Voltage Controlled Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HT0001 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HT0001 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 – 150 MHz Voltage Controlled Attenuator
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 02/10/2003
HBH
Microwave GmbH
HT0001
General Description
HT0001 is a voltage controlled attenuator for general purpose applications in the lower frequency
range from 1MHz up to 150MHz.
The device operates from –40°C to +85°C.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
1
150
MHz
Insertion Loss
7.0
7.5
dB
Attenuation Range
30.0
33.0
dB
Maximum Input Power
21.0
dBm
Input VSWR
1.8:1
2 : 1
Output VSWR
1.8:1
2 : 1
Temperature Range
-40
+85
°C
Tuning Voltage
-4.0
0
V
Power Consumption
10.0
mW
Package
tbd
Size
tbd
mm
Rev. 1.0


Similar Part No. - HT0001

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT0003 LSTD-HT0003 Datasheet
127Kb / 2P
Chemical Resistance
More results

Similar Description - HT0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
Teledyne Technologies I...
PSF03025 TELEDYNE-PSF03025 Datasheet
161Kb / 4P
Voltage Controlled Attenuator .1 to 4 GHz
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
75 Voltage Controlled Attenuator (5 ??3000 MHz)
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
Voltage Controlled Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com