Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Datasheet(HTML) 1 Page - Supertex, Inc

  DN3545 Datasheet HTML 1Page - Supertex, Inc DN3545 Datasheet HTML 2Page - Supertex, Inc DN3545 Datasheet HTML 3Page - Supertex, Inc DN3545 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
DN3545
BVDSX /RDS(ON)
IDSS
BV
DGX
(max)
(min)
TO-92
TO-243AA*
Die
450V
20Ω
200mA
DN3545N3
DN3545N8
DN3545ND
Advanced DMOS Technology
These depletion-mode (normally-on) transistors utilize an ad-
vanced vertical DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transis-
tors and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, these devices are free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Ordering Information
Features
❏ High input impedance
❏ Low input capacitance
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
Applications
❏ Normally-on switches
❏ Solid state relays
❏ Converters
❏ Constant current sources
❏ Power supply circuits
❏ Telecom
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSX
Drain-to-Gate Voltage
BVDGX
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Package Options
Order Number / Package
* Same as SOT-89. Product shipped on 2000 piece carrier tape reels.
N-Channel Depletion-Mode
Vertical DMOS FETs
Note: See Package Outline section for dimensions.
TO-243AA
(SOT-89)
G
D
S
D
TO-92
S G D
Product marking for TO-243AA:
Where
❋ = 2-week alpha date code
DN5M
❋


Similar Part No. - DN3545

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545N3 SUTEX-DN3545N3 Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545N3-G SUTEX-DN3545N3-G Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545N8 SUTEX-DN3545N8 Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545N8-G SUTEX-DN3545N8-G Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
More results

Similar Description - DN3545

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com