Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545 Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Datasheet(HTML) 3 Page - Supertex, Inc

  DN3545 Datasheet HTML 1Page - Supertex, Inc DN3545 Datasheet HTML 2Page - Supertex, Inc DN3545 Datasheet HTML 3Page - Supertex, Inc DN3545 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Application Curves
VDS (Volts)
VGS = +2.0V
Output Characteristics
-0.5V
-0.8V
-1.0V
-1.5V
Saturation Characteristics
VDS (Volts)
VGS = +2V
+1.0V
0V
-0.5V
-0.8V
-1.0V
ID (Amperes)
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
TA (¡C)
0V
-1.5V
050 100 150 200 250 300 350 400 450
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.0V
0246810
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
VDS = 10V
TA = -55¡C
TA = 25¡C
TA = 125¡C
025
5075
100
125
150
0
0.5
1.0
1.5
2.0
TO-243AA
TO-92
Maximum Rated Safe Operating Area
VDS (Volts)
1
1000
100
10
TO-243AA (Pulsed)
TA=25¡C
0.001
0.01
0.1
1.0
TO-243AA (DC)
TO-92 (DC)
TO-92 (Pulsed)
Thermal Response Characteristics
tp (seconds)
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1
TO-243AA
TA = 25¡C
PD = 1.6W
TO-92
TC = 25¡C
PD = 1.0W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com