Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF05 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SWAF05
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF05 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SWAF05 Datasheet HTML 5Page - Seoul Semiconductor SWAF05 Datasheet HTML 6Page - Seoul Semiconductor SWAF05 Datasheet HTML 7Page - Seoul Semiconductor SWAF05 Datasheet HTML 8Page - Seoul Semiconductor SWAF05 Datasheet HTML 9Page - Seoul Semiconductor SWAF05 Datasheet HTML 10Page - Seoul Semiconductor SWAF05 Datasheet HTML 11Page - Seoul Semiconductor SWAF05 Datasheet HTML 12Page - Seoul Semiconductor SWAF05 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Rev. 1.00
SWAF05
7. Reliability
(1) TEST ITEMS AND RESULTS
TEST ITEM
Test conditions
Note
Number of
Damaged
Reference
Life Test 1
Ta = 25°C; IF = 20 mA
1000 hr
0/20
EIAJ ED-4701
100 101
Thermal Shock
-30°C ~ 85°C
(30 min) (30 min)
20 cycle
0/50
EIAJ ED-4701
300 307
High Temperature Life Test
Ta = 85°C; IF = 5 mA
1000 hr
0/20
-
Low Temperature Life Test
Ta = - 30°C; IF = 20 mA
1000 hr
0/20
-
High Temperature Storage
Ta = 100°C
1000 hr
0/50
EIAJ ED-4701
200 201
Low Temperature Storage
Ta = - 40°C
1000 hr
0/50
EIAJ ED-4701
200 202
High Humidity Heat Life Test
Ta = 60°C; RH = 90%, IF = 20 mA
500 hr
0/20
EIAJ ED-4701
100 102
Humidity Heat Load
Ta = 85°C; RH = 85%
1000 hr
0/50
EIAJ ED-4701
100 103
Resistance to Soldering Heat
Tsld = 260°C, 10 sec
Pre treatment; 30°C, 70%, 168 hr
2 time
0/50
EIAJ ED-4701
301 302
Solder ability (Reflow Soldering)
Tsld = 215±5°C, 3 sec
(Lead Solder)
1 time
over 95%
0/50
EIAJ ED-4701
303
Temperature Cycle
- 40°C ~ 25°C ~ 100°C ~ 25°C
(30 min) (5 min) (30 min) (5 min)
100 cycle
0/50
EIAJ ED-4701
100 105
Moisture Resistance Cycle
25°C ~ 65°C ~ - 10°C
RH = 90%, 24 hr / 1 cycle
10 cycle
0/50
EIAJ ED-4701
200 203
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgment
Item
Symbol
Test Condition
Min.
Max.
Forward Voltage
VF
IF = 20 mA
-
U.S.L × 1.2
Reverse Current
IR
VR = 5 V
-
U.S.L × 2.0
Luminous Intensity
IV
IF = 20 mA
L.S.L × 0.5
-
SEOUL SEMICONDUCTOR CO., LTD.
8
SSC-QP-7-03-44(갑)
U.S.L. : Upper Standard Level,
L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com