Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF05 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWAF05
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF05 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWAF05 Datasheet HTML 1Page - Seoul Semiconductor SWAF05 Datasheet HTML 2Page - Seoul Semiconductor SWAF05 Datasheet HTML 3Page - Seoul Semiconductor SWAF05 Datasheet HTML 4Page - Seoul Semiconductor SWAF05 Datasheet HTML 5Page - Seoul Semiconductor SWAF05 Datasheet HTML 6Page - Seoul Semiconductor SWAF05 Datasheet HTML 7Page - Seoul Semiconductor SWAF05 Datasheet HTML 8Page - Seoul Semiconductor SWAF05 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. 1.00
SWAF05
3. Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd*1
120
mW
Forward Current
IF
30
mA
Peak Forward Current
IFM*2
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Junction Temperature
Tj
125
°C
*1 Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
*2
IFM conditions : Pulse width TW ≤ 0.1ms, Duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(
Ta = 25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Rank Y
2.7
-
3.0
Rank Z
3.0
-
3.3
Forward Voltage
Rank A
VF
IF = 20 mA
3.3
-
3.7
V
Reverse Current
IR
VR = 5 V
-
-
50
µA
Rank J2
1200
-
1300
Rank J3
1300
-
1400
Rank J4
1400
-
1500
Rank J5
1500
-
1600
Rank J6
1600
-
1700
Rank J7
1700
-
1800
Luminous Intensity*1
Rank J8
IV
IF = 20 mA
1800
-
1900
mcd
Viewing Angle*2
2
θ1/2
IF = 20 mA
120
˚
x
0.264
-
0.296
Rank b
y
0.248
-
0.295
x
0.287
-
0.311
Rank e
y
0.276
-
0.315
x
0.307
-
0.330
Color Coordinates*3
Rank f
y
IF = 20 mA
0.294
-
0.339
-
*1 The luminous intensity
IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is ±10%.
*2
θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*3 Measurement Uncertainty of the Color Coordinates is ±0.01
*
Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above.
SEOUL SEMICONDUCTOR CO., LTD.
3
SSC-QP-7-03-44(갑)
All measurements were made under the standardized environment of Seoul Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com