Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV209 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 2 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV209
Electrical Characteristics
DC Characteristics (over recommended operating conditions unless otherwise noted)
30
26
38
48
I
SIG = 5mA
V
PP = 40V,
25
22
27
32
ISIG = 200mA VNN = -160V
Small Signal Switch (ON)
RONS
25
22
27
30
ohms
ISIG = 5mA
VPP = 100V,
Resistance
18
18
24
27
I
SIG = 200mA
V
NN = -100V
23
20
25
30
ISIG = 5mA
VPP = 190V,
22
16
25
27
ISIG = 200mA VNN = -10V
Small Signal Switch (ON)
∆RONS
20
5.0
20
20
%
I
SW = 5mA, VPP = 100V,
Resistance Matching
VNN = -100V
Large Signal Switch (ON)
R
ONL
15
ohms
V
SIG = VPP - 10V, ISIG = 1A
Resistance
Output Switch Shunt
R
INT
20
35
50
Kohms
Output switch to R
GND
Resistance
DC Offset Switch Off
50
50
50
mV
No Load, R
GND = 0V
DC Offset Switch On
50
50
50
mV
No Load, RGND = 0V
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs OFF
Neg. HV Supply Current
I
NNQ
-10
-50
µA
ALL SWs OFF
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs ON ISW = 5mA
Neg. HV Supply Current
INNQ
-10
-50
µA
ALL SWs ON ISW = 5mA
Switch Output
3.0
3.0
2.0
2.0
A
V
SIG duty cycle ≤ 0.1%
Peak Current
Output Switch Frequency
f
SW
50
KHz
Duty Cycle = 50%
6.5
7.0
8.0
VPP = 40V,
V
NN = -160V
IPP Supply Current
IPP
4.0
5.0
5.5
mA
VPP = 100V,
V
NN = -100V
4.0
5.0
5.5
VPP = 190V,
V
NN = -10V
6.5
7.0
8.0
VPP = 40V,
V
NN = -160V
INN Supply Current
INN
4.0
5.0
5.5
mA
VPP = 100V,
V
NN = -100V
4.0
5.0
5.5
VPP = 190V,
V
NN = -10V
Logic Supply
IDD
4.0
4.0
4.0
mA
fCLK = 5MHz, VDD = 5.0V
Average Current
Logic Supply
IDDQ
10
10
10
µA
Quiescent Current
Data Out Source Current
ISOR
0.45
0.45
0.70
0.40
mA
VOUT = VDD - 0.7V
Data Out Sink Current
I
SINK
0.45
0.45
0.70
0.40
mA
V
OUT = 0.7V
Logic Input Capacitance
C
IN
10
10
10
pF
0
°C
+25
°C
+70
°C
Characteristics
Sym
Units
Test Conditions
min
max
min
typ
max
min
max
50KHz
Output
Switching
Frequency
with no
load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com