Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV209 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 4 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HV209
Data Inputs
Switch States
DO
D1
D2
D3
D4
D5
LE
CL
Y0
Y1
Y2
Y3
Y4
Y5
LL
L
SW0
HL
L
SW0
LL
L
SW1
HL
L
SW1
LL
L
SW2
HL
L
SW2
LL
L
SW3
HL
L
SW3
LL
L
SW4
HL
L
SW4
LL
L
SW5
HL
L
SW5
XX
X
X
X
X
H
L
XX
X
X
X
X
X
H
SW0
SW1
SW2
SW3
SW4
SW5
Symbol
Parameter
Value
V
PP
Positive high voltage supply1
+40V to V
NN+ 200V
VNN
Negative high voltage supply1
-10V to -160V
VDD
Logic power supply voltage1
+4.5V to +13.2V
V
IH
High-level input voltage
0.8 V
DD to VDD
VIL
Low-level input voltage
0V to 0.2VDD
VSIG
Analog signal voltage peak-to-peak2
VNN +10V to VPP -10V
T
A
Operating free air-temperature
0°C to 70°C
Notes:
1
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2V
SIG must be within VPP and VNN voltage range or floating during power up/down transition.
Operating Conditions*
Truth Table
HOLDS PREVIOUS STATE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com