Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF3L Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SWAF3L
Description  WHITE SIDE VIEW LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF3L Datasheet(HTML) 4 Page - Seoul Semiconductor

  SWAF3L Datasheet HTML 1Page - Seoul Semiconductor SWAF3L Datasheet HTML 2Page - Seoul Semiconductor SWAF3L Datasheet HTML 3Page - Seoul Semiconductor SWAF3L Datasheet HTML 4Page - Seoul Semiconductor SWAF3L Datasheet HTML 5Page - Seoul Semiconductor SWAF3L Datasheet HTML 6Page - Seoul Semiconductor SWAF3L Datasheet HTML 7Page - Seoul Semiconductor SWAF3L Datasheet HTML 8Page - Seoul Semiconductor SWAF3L Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 5.00
SWAF3L
3. Absolute Maximum Ratings
(
Ta = 25°C)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd*1
280
mW
Forward Current
IF
80
mA
Peak Forward Current
IFM*2
200
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Thermal Resistance
(junction to solder)
R
Θj-s
70
°C/W
Junction Temperature
Tj max
125
°C
*1 Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
*2
IFM conditions : Pulse width TW ≤ 0.1ms, Duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(
Ta = 25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 20 mA/CHIP
2.9
3.2
3.6
V
Reverse Current
IR
VR = 5 V
-
-
100
µA
Thermal Resistance(Junction to solder)
R
Θj-s
IF = 20 mA/CHIP
70
℃
/W
Rank M1
4100
-
4400
Rank M4
4400
-
4700
Rank M7
4700
-
5000
Rank N0
5000
-
5300
Luminous Intensity*1
Rank N3
IV
IF = 60 mA
5300
-
5600
mcd
Viewing Angle *2
2
θ1/2
IF = 60 mA
120
˚
x
0.264
-
0.296
Rank b
y
0.248
-
0.295
x
0.287
-
0.311
Rank e
y
0.276
-
0.315
x
0.307
-
0.330
Color Coordinates *3
Rank f
y
IF = 60 mA
0.294
-
0.339
-
Life Time*4
Ta =25℃, IF=20 mA/CHIP
15000 hrs
-
*1 The luminous intensity
IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is ±10%.
*2
θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*3 Measurement Uncertainty of the Color Coordinates is
±0.01
*4 Estimated time to 50% degradation of initial luminous intensity.(A chip = 20mA)
*
Note : All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of Seoul
Semiconductor.
SEOUL SEMICONDUCTOR CO., LTD.
3
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com