Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF3L Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWAF3L
Description  WHITE SIDE VIEW LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF3L Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWAF3L Datasheet HTML 1Page - Seoul Semiconductor SWAF3L Datasheet HTML 2Page - Seoul Semiconductor SWAF3L Datasheet HTML 3Page - Seoul Semiconductor SWAF3L Datasheet HTML 4Page - Seoul Semiconductor SWAF3L Datasheet HTML 5Page - Seoul Semiconductor SWAF3L Datasheet HTML 6Page - Seoul Semiconductor SWAF3L Datasheet HTML 7Page - Seoul Semiconductor SWAF3L Datasheet HTML 8Page - Seoul Semiconductor SWAF3L Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 5.00
SWAF3L
5. CIE Chromaticity Diagram
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
460
470
475
480
485
490
495
500
505
510
515
520525
530
535
540
545
550
555
560
565
570
575
580
585
590
595
600
610
620
630
830
x Coord.
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
e
f
b
x Coord.
Luminous Intensity
Ranking by Color Coordinates
Ranking by Luminous Intensity
RANK
Min
Max
Unit
b
e
f
M1
4100
4400
M4
4400
4700
M7
4700
5000
N0
5000
5300
N3
5300
5600
mcd
The Checked ranks are available
Color Rank
(
IF = 60 mA, Ta = 25°C)
b
e
f
x
y
x
y
x
y
0.264
0.267
0.296
0.276
0.311
0.294
0.280
0.248
0.311
0.294
0.330
0.318
0.296
0.276
0.307
0.315
0.330
0.339
0.287
0.295
0.287
0.295
0.307
0.315
SEOUL SEMICONDUCTOR CO., LTD.
4
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com