Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT805-S Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 7Page - Seoul Semiconductor SWT805-S Datasheet HTML 8Page - Seoul Semiconductor SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor SWT805-S Datasheet HTML 12Page - Seoul Semiconductor SWT805-S Datasheet HTML 13Page - Seoul Semiconductor SWT805-S Datasheet HTML 14Page - Seoul Semiconductor SWT805-S Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
Bin Code Description
▷
Part Number : SWT805 - S
Z
EX
J6
Forward
Voltage
CIE
Luminous
Intensity
Bin Code
A5~M5
A4~M4
A3~M3
A2~M2
A1~M1
A0~M0
Color Rank
@ I
F = 20mA
3.4
2.9
Z
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 20mA
2,300
2,200
K2
2,200
2,100
K1
2,100
2,000
K0
2,000
1,900
K9
1,900
1,800
J8
1,800
1,700
J7
1,700
1,600
J6
Max.
Min.
Bin
Code
Luminous Intensity (mcd)
@ I
F = 20mA
7. Material
Chip
Encapsulate
Wire
Reflector
item
SiC
Silicone
Gold
PPA
Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com