Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT805-S Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SWT805-S
Description  surface-mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT805-S Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SWT805-S Datasheet HTML 9Page - Seoul Semiconductor SWT805-S Datasheet HTML 10Page - Seoul Semiconductor SWT805-S Datasheet HTML 11Page - Seoul Semiconductor SWT805-S Datasheet HTML 12Page - Seoul Semiconductor SWT805-S Datasheet HTML 13Page - Seoul Semiconductor SWT805-S Datasheet HTML 14Page - Seoul Semiconductor SWT805-S Datasheet HTML 15Page - Seoul Semiconductor SWT805-S Datasheet HTML 16Page - Seoul Semiconductor SWT805-S Datasheet HTML 17Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January, 2009
January, 2009
www.
www.acriche
acriche.com
.com
9. packing
( Tolerance: ±0.2, Unit: mm )
(1) Quantity : 2,000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from
the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
0.2
2.0 ±
30°
-3
+0
±0.2
LABLE
11.4
0.3
9.0 ±
±0.1
180
13
10
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com