Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC103M2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HC103M2
Description  Fast High End Humidity Sensors for Radiosondes / Registering Balloons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC103M2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HC103M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC103M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions (mm)
Dimensions (mm)
Mounting Instr
Mounting Instructions
uctions
To allow full access of the air, the humidity sensor should
be positioned over an opening in the printed circuit board
(PCB).
False readings because of humidity assimilation at the
front side of the PCB should be avoided as much as
possible by using gold-plated-through holes.
contact area
HC103M2
Or
Ordering Guide
dering Guide
HC103M2
(103M2)
TYPE
Assemb
Assembling and Soldering
ling and Soldering
HC103M2 sensor series are designed for SMD automatic assembling with subsequent reflow-
soldering. For more details please refer to mounting instructions.
Recommended SMD equipment:
· Automatic tooling machine with suction pipette
· Optical control for sensor identification
HC
Or
Order Example
der Example
tray (240 sensors)
(no code)
500 sensors per reel
(TR0,5)
1000 sensors per reel
(TR1)
2500 sensors per reel
(TR2,5)
10000 sensors per reel
(TR10)
PACKAGING
HC103M2TR1
Type:
HC103M2
Packaging:
1000 sensors per
reel
1 mm = 0.03937” / 1” = 25.4 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com