Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC103M2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC103M2
Description  Fast High End Humidity Sensors for Radiosondes / Registering Balloons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC103M2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC103M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC103M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V1.2
HC103M2
HC103M2
HC103M2
Nominal capacitance C0 (at 30°C / 86°F)
160 ± 40 pF
Sensitivity
0.55pF /% RH
Working range humidity
0...100% RH
temperature
-80...120°C (-112...248°F)
Linearity error (0...98% RH)
< ± 2% RH
Hysteresis
1.9 ± 0.25% RH
Response time RH t63
Temperature dependence
1)
dC = -0.0019*RH*(T-30°C) [pF]
Loss tangent
< 0.05
Maximum supply voltage
5V max (UPP)
Maximum DC voltage
< 5mV
Operating frequency
10...100 kHz, recommended 20kHz
Packaging
tray 101.6x101.6 mm (4x4”)
240 sensors
tape and reel
refer to ordering guide
1) more details for t < -20°C on request
T
Tec
echnical Da
hnical Data
ta
Fast High End Humidity Sensors
for Radiosondes / Registering Balloons
Char
Characteristics
acteristics
The average increase of capacitance over the
working range is 55pF. For the range of
0–98% RH linear approximation is possible, errors
will be lower than < ± 2% RH.
The sensor characteristic is determined by the
following linear formula:
C(RH) = C0 * [1+HC0 * RH]
with HC0 = 3420 ± 250 ppm /% RH
relative humidity [% RH]
temperature [°C]
For high accuracy requirements, the sensitivity is determined by the following polynomial:
C(RH) = C0 * [1 + HC0 * RH + K(RH)]
whereby:
K(RH) = A1*RH+A2*RH1.5+A3*RH2+A4*RH2.5
A1 = 2.6657E-3
A2 = -9.6134E-4
A3 = 1.1272E-4
A4 = -4.3E-6


Similar Part No. - HC103M2

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
HC103M2 EPLUSE-HC103M2 Datasheet
427Kb / 2P
Very Fast Humidity Sensor for Radiosondes
v1.4
More results

Similar Description - HC103M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HU1015NA ETC-HU1015NA Datasheet
258Kb / 2P
HUMIDITY SENSORS
logo
Honeywell Solid State E...
HCH-1000 HONEYWELL-HCH-1000 Datasheet
160Kb / 4P
Capacitive Humidity Sensors
logo
Honeywell Accelerometer...
HIH-4602-C HONEYWELL-ACC-HIH-4602-C Datasheet
232Kb / 8P
Humidity Sensors
HIH-4010-003 HONEYWELL-ACC-HIH-4010-003 Datasheet
441Kb / 8P
Humidity Sensors
logo
Honeywell Solid State E...
HIH-4000 HONEYWELL-HIH-4000 Datasheet
181Kb / 6P
Humidity Sensors
HIH-4030 HONEYWELL-HIH-4030 Datasheet
236Kb / 8P
Humidity Sensors
logo
Siemens Semiconductor G...
QFM31 SIEMENS-QFM31 Datasheet
236Kb / 8P
Duct sensors for relative humidity (high accuracy) and temperature
2022-09-27
logo
E+E Elektronik Ges.m.b....
EE310 EPLUSE-EE310 Datasheet
1Mb / 10P
High-End Humidity and Temperature Sensor for Industrial Applications
06-2023
HC103M2 EPLUSE-HC103M2 Datasheet
427Kb / 2P
Very Fast Humidity Sensor for Radiosondes
v1.4
HMC03M EPLUSE-HMC03M Datasheet
694Kb / 2P
Heated Humidity Sensor for Radiosondes and Weather Balloons
v1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com