Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBTGFR5210-CE Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # THBTGFR5210-CE
Description  Surface-mounted chip LED device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBTGFR5210-CE Datasheet(HTML) 4 Page - Seoul Semiconductor

  THBTGFR5210-CE Datasheet HTML 1Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 2Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 3Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 4Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 5Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 6Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 7Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 8Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
(Ta=25℃)
100
90
Blue
100
90
Green
Red
℃
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
60
P
d
Power Dissipation
℃
-40 ~ 100
T
opr.
Operation Temperature
mA
100
I
FM
*1
Peak Forward Current
mA
25*2/15*3
I
F
Forward Current
Unit
Value
Symbol
Parameter
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
*2 1-chip ON
*3 3-chip ON
2. Electro-Optical Characteristics
(Ta=25℃)
2.7
-
1.8
IF=1㎂
Blue
2.7
-
1.8
IF=1㎂
VFm
Green
1.8
-
1.3
IF=1㎂
Red
-
25
-
IF=10㎃
Δλ
Blue
-
35
-
IF=10㎃
Green
477
472
465
IF=10㎃
Blue
140
80
50
IF=10㎃
Blue
380
300
230
IF=10㎃
Green
VR=5V
IR
3.3
2.9
2.7
IF=10㎃
VF
Blue
3.5
3.0
2.7
IF=10㎃
Green
R,G,B
Red
Green
Red
Red
Red
Red
color
mcd
200
170
120
IF=10㎃
IV
Luminous Intensity*2
635
625
615
IF=10㎃
-
-
520
-
1.8
Min
-
-
540
10
2.3
Max
150
20
530
-
1.9
Typ
˚
IF=10 ㎃
2θ
1/2
Viewing Angle*3
nm
IF=10㎃
λ
d
Wavelength
V
IF=10㎃
Forward Voltage
nm
IF=10㎃
Spectral Bandwidth
㎂
Reverse Current
Unit
Condition
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com