Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBTGFR5210-CE Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # THBTGFR5210-CE
Description  Surface-mounted chip LED device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBTGFR5210-CE Datasheet(HTML) 5 Page - Seoul Semiconductor

  THBTGFR5210-CE Datasheet HTML 1Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 2Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 3Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 4Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 5Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 6Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 7Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 8Page - Seoul Semiconductor THBTGFR5210-CE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
♦ Zener Diode의 전기적 특성
㎂
1.0
-
-
V
R=5V
I
R
V
1.6
-
-
I
F=10㎃
V
F
Unit
Max
Typ
Min
조건
항목
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com