Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTM-S3-R Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # MSTM-S3-R
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-R Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  MSTM-S3-R Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 7Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TM022
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
CONNOR
WINFIELD
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (MSTM-S3-R)
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
Specifications subject to change without notice.
PRELIMINARY
P02
3/21/01
7
3
MSTM-S3
PIN #
1
HOLD OVER
-Output. High when the control inputs select Holdover.
2
REF 1
-Output. High when the control inputs select EX REF 1.
3
REF 2
-Output. High when the control inputs select EX REF 2.
4
FREE RUN
-Output. High when the control input selects Free Run.
5
Gnd
-Ground.
6
ALARM_OUT
-Ouput. =1,If (FREE RUN + HOLD OVER + LOR + LOL + PLL_TVL) .
7
CNTL A
-Mode control input.
8
CNTL B
-Mode control input.
9
PLL_TVL
-Tuning Voltage Alarm. =1 If CAPTURE RANGE NEAR 10% OF EXTREME (~11ppm).
10
TRI-STATE
-Tri-state enable = 1. All outputs ae put into a high impedance state.
11
SYNC_OUT
-Syncronized output.
12
Gnd
-Ground.
13
CLK_OUT
-Stratum 3 TCXO output. (Non-synchronized).
14
Gnd
-Ground.
15
EX REF 2
-External Reference #2 Input. (8 KHz)
16
Gnd
-Ground.
17
EX REF 1
-Input. External Reference #1 Input. (8 KHz)
18
+5 Vdc
+5 Volt DC supply.
PIN DESCRIPTION
NOTES:
1.0
Operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions is not implied. Exposure to
Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
2.0
Power-on Reset will activate within the stated range
3.0
Ref- GR1244-CORE 3.2.1 R3-1.
4.0
Holdover stability is the cumulative fractional frequency offset containing Initial Offset, Temperature, and Drift components as described by
Bellcore GR-1244-CORE 5.2.
5.0
Pull-in range is the minimum frequency deviation on the reference inputs to the timing module that can be overcome to pull itself into synchronization
with the reference.
6.0
A ‘1’ level indicates unit is within the extreme 10% of its operating range tracking the reference (~11ppm). Consult factory for use as a reference
quilifier.
NOTES FOR TABLES 1.0 - 4.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com