Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSTM-S3-R Datasheet(PDF) 7 Page - Connor-Winfield Corporation

Part # MSTM-S3-R
Description  STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-R Datasheet(HTML) 7 Page - Connor-Winfield Corporation

  MSTM-S3-R Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-R Datasheet HTML 7Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TM022
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
CONNOR
WINFIELD
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (MSTM-S3-R)
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
Specifications subject to change without notice.
PRELIMINARY
P02
3/21/01
7
7
BOTTOM VIEW
MSTM-S3
PACKAGE
WITH COVER
APPLICATIONS CIRCUIT DIAGRAM
BLOCK DIAGRAM
NETWORK
TIMING
REFERENCE
INPUT
eg. BITS CLOCK,etc.
FREE RUN CLOCK
COPY
SYSTEM
CLOCK
SYSTEM
CONTROL
AND DATA
INPUTS
LOSS OF
REFERENCE
MONITOR
SECTION
+5Vdc
EX REF 1
GND
EX REF 2
GND
CLK_OUT
GND
SYNC_OUT
TRI-STATE
PLL TVL
HOLD OVER
REF 1
REF 2
FREE RUN
GND
ALARM OUT
CNTL A
CNTL B
5 VOLT DC
POWER
SUPPLY
REVISION
REVISION DATE
NOTE
P00
3/6/01
Preliminary Release
P01
3/9/01
Added Reset graph
P02
3/21/01
Added min/max Vcc
Fig. 8
Fig. 9
(5.08mm) TYP
16
3
2.000
(50.08mm)
(5.08mm) TYP
.200 TYP
13
14
15
12
10
11
(16)
7
9
8
5
6
4
(5.08mm) TYP
.200 TYP (4)
(4.572mm)
.180
1.600
2.000
(40.64mm)
(50.08mm)
18
17
"A-A"
2
1
PIN 1
.555
(14.1mm)
DETAIL "A-A"
.200 TYP
(1.98mm)
(1.02mm)
.040
.078
(3.81mm)
(.762mm)
.030
.150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com