Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV832 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV832
Description  Dual High Voltage, Low Noise EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV832 Datasheet(HTML) 4 Page - Supertex, Inc

  HV832 Datasheet HTML 1Page - Supertex, Inc HV832 Datasheet HTML 2Page - Supertex, Inc HV832 Datasheet HTML 3Page - Supertex, Inc HV832 Datasheet HTML 4Page - Supertex, Inc HV832 Datasheet HTML 5Page - Supertex, Inc HV832 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HV832
Functional Block Diagram
Figure 1: Typical Application Circuit/Test Circuit
C
+
_
Vref
Disable
High
Voltage
Level
Trans-
lator
GND
VDD
EL1
CS
LX
EL2
Control
Vsen
Control Logic &
Switch Osc
EL Osc =
Switch Osc
÷ 128
Com
EL Lamp 1=1.5in2
+
_
3.3nF
100V
1
2
3
4
8
6
5
HV832MG
7
VIN
EL1
VDD
Control
GND
LX
CS
Com
EL2
330
µH
IN914*
4.7
µF
VDD
Logic Input Pulse
VDD = VIN
EL Lamp 2=1.5in2
LX
LX = 330µH Murata (LQH32CN331)
* any (equivalent or better) >90V, fast reverse recovery diode
e
c
i
v
e
Dp
m
a
LV
D
D
I
D
D
V
S
C
f
L
E
s
s
e
n
t
h
g
i
r
B
G
M
2
3
8
V
H
L
E
1
L
E
r
o
2
N
O
V
0
.
3
A
m
7
2V
8
7
z
H
0
0
4
m
l
-
t
f
5
.
7
L
E
h
t
o
B
1
L
E
d
n
a
2
N
OA
m
8
3V
0
7m
l
-
t
f
2
.
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com