Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV832 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV832
Description  Dual High Voltage, Low Noise EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV832 Datasheet(HTML) 5 Page - Supertex, Inc

  HV832 Datasheet HTML 1Page - Supertex, Inc HV832 Datasheet HTML 2Page - Supertex, Inc HV832 Datasheet HTML 3Page - Supertex, Inc HV832 Datasheet HTML 4Page - Supertex, Inc HV832 Datasheet HTML 5Page - Supertex, Inc HV832 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV832
Iin vs Vcs
20
22
24
26
28
30
60
65
70
75
80
85
90
95
Vcs (V)
Brightness vs Vin
4
5
6
7
8
9
10
1.5
2.5
3.5
4.5
5.5
Vin (V)
Iin vs Vin
20
22
24
26
28
30
1.5
2.5
3.5
4.5
5.5
Vin (V)
Vcs vs Vin
50
60
70
80
90
100
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Vin (V)
Typical Performance Curves for Figure 1 with one output ON
(EL Lamp=1.5in2, V
DD=3.0V)
0
10
20
30
40
50
60
70
80
90
200
300
400
500
600
Inductor Value (µH)
5
6
7
8
9
10
IIN, VCS, Brightness vs. Inductor Value
Vcs
Brightness
Iin
Iin, Vcs, Brightness vs. Inductor Value



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com