Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL1CP Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # RPL1CP
Description  RELAY POWER RELAY LARGE SIZE-TYPE RPL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RPL1CP Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  RPL1CP Datasheet HTML 1Page - Adam Technologies, Inc. RPL1CP Datasheet HTML 2Page - Adam Technologies, Inc. RPL1CP Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
62
RELAY
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
INTRODUCTION:
Adam Tech RPL relays are high power, modern relays, available in
industry standard packages and can switch loads up to 30 amps.
Available in both a PCB package and a combination PCB/Quick
Connect terminal package, these relays are designed for
applications such as Spa/Pool controls, HVAC, and large appliances.
FEATURES:
30 Amp Switching capability
PCB and PCB/Top mount packages
Industry Standard footprint
SPECIFICATIONS:
ELECTRICAL:
Contact arrangement: 1 Form A & 1 Form C
Contact material: Silver Alloy
Contact Rating (Resistive load): 30A @ 220V AC
30A @ 30V DC
Max. Switching Voltage: 220V AC / 30V DC
Max. Switching Power: 6600VA / 900W
Contact resistance: 50 m
Ω max. Initial
Insulation resistance: 100 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 2500V AC 50/60Hz for 1 min.
Between Contacts: 1500V AC 50/60Hz for 1 min.
Operating time: 15 ms max.
Release time: 10 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -55°C to +85°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
POWER RELAY
RPL
1C
P
SERIES INDICATOR
RPL = Power
Relay
CONTACT FORM
1A = 1 form A
1C = 1 form C
TERMINALS
P = PCB Terminals only
TCN = PCB Terminals and
Top Contacts
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
9 = 9V DC
12 = 12V DC
24 = 24V DC
48 = 48V DC
24
®
®
V
D E
UL
®
c
US
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - RPL1CP

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
RPL1 LUMEL-RPL1 Datasheet
1Mb / 2P
POWER CONTROLLER
RPL1-11100E0 LUMEL-RPL1-11100E0 Datasheet
1Mb / 2P
POWER CONTROLLER
RPL1-11100E1 LUMEL-RPL1-11100E1 Datasheet
1Mb / 2P
POWER CONTROLLER
RPL1-11100P0 LUMEL-RPL1-11100P0 Datasheet
1Mb / 2P
POWER CONTROLLER
RPL1-11100P1 LUMEL-RPL1-11100P1 Datasheet
1Mb / 2P
POWER CONTROLLER
More results

Similar Description - RPL1CP

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
RELAY MINIATURE POWER RELAY-TYPE RPS
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
FLAT TYPE POWER RELAY
logo
Panasonic Semiconductor
JJ-M PANASONIC-JJ-M Datasheet
100Kb / 4P
COMPACT SIZE AUTOMOTIVE RELAY
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Sanyou Corporation Limi...
SET40 SANYOU-SET40 Datasheet
386Kb / 6P
Large Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com