Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL1CP Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # RPL1CP
Description  RELAY POWER RELAY LARGE SIZE-TYPE RPL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RPL1CP Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  RPL1CP Datasheet HTML 1Page - Adam Technologies, Inc. RPL1CP Datasheet HTML 2Page - Adam Technologies, Inc. RPL1CP Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
63
RELAY
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
1 FORM A
SCHEMATIC
1.300
[33.00]
MAX
1.102
[28.00]
MAX
.866
[22.00]
MAX
SCHEMATIC
1 FORM C
.400
[10.16]
.700
[17.78]
.100
[2.54]
.500
[12.70]
.400
[10.16]
.700
[17.78]
.063
[1.60]
ø.078
[2.00]
ø.071
[1.80]
Nominal
Voltage
V DC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Coil Resistance
(±10%)
mW
Operating Power
Nominal
Max allowable
Voltage
V DC
ø.071
[1.80]
ø.078
[2.00] 2X
.500
[12.70]
.300
[7.62]
.100
[2.54]
.700
[17.78]
.400
[10.16]
1 FORM A
1 FORM C
ø0.031
ø0.031
6
24
12
5
3.75
9.0
18.0
4.5
0.5
1.2
2.4
0.6
31
160
640
40
900
900
900
900
6
13.2
26.4
6.6
48
36.0
4.8
2,560
900
52.8
10.8
900
101
0.9
6.75
9
RPL SERIES
Recommended PCB Layout
1 Form A
Schematic
1FormA
Schematic
1FormC
Recommended PCB Layout
1FormC
RPL-1C-P-12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com