Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9708 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9708
Description  32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9708 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9708 Datasheet HTML 1Page - Supertex, Inc HV9708 Datasheet HTML 2Page - Supertex, Inc HV9708 Datasheet HTML 3Page - Supertex, Inc HV9708 Datasheet HTML 4Page - Supertex, Inc HV9708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
Comments
V
DD
Logic Voltage Supply
4.5
5.5
V
V
PP
High Voltage Supply
8.0
80
V
V
IH
Input HIGH Voltage
V
DD-0.5
V
DD
V
V
IL
Input LOW Voltage
0
0.5
V
f
CLK
Clock Frequency
0
8
MHz
T
A
Operating free-air temperature
-40
+85
°C
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
Power-down sequence should be the reverse of the above.
5. The VPP should not drop below VDD or float during operations.
Electrical Characteristics (V
PP = 60V, VDD = 5V, TA =25°C)
DC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
IPP
VPP Supply Current
100
µAHVOUT outputs HIGH to LOW
IDDQ
IDD Supply Current (Quiescent)
100
µA
All inputs = VDD or GND
I
DD
I
DD Supply Current (Operating)
15
mA
V
DD = VDD max,
fCLK = 8 MHz
V
OH (Data)
Shift Register Output Voltage
V
DD-0.5
V
I
O = -100µA
VOL (Data)
Shift Register Output Voltage
0.5
V
IO = 100µA
IIH
Current Leakage, any input
1
µA
Input = VDD
I
IL
Current Leakage, any input
-1
µA
Input = GND
VOC
HVOUT Output Clamp Diode Voltage
-1.5
V
IOC = -5mA
VOH
HVOUT Output when Sourcing
52
V
IOH = -20mA, 0 to 70°C
V
OL
HV
OUT Output when Sinking
4
V
I
OL = 5mA, 0 to 70°C
AC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
f
CLK
Clock Frequency
8
MHz
tWL or tWH
Clock width, HIGH or LOW
62
ns
tSU
Setup time before CLK rises
25
ns
t
H
Hold time after CLK rises
10
ns
tDLH (Data)
Data Output Delay after L to H CLK
110
ns
CL = 15pF
t
DHL (Data)
Data Output Delay after H to L CLK
110
ns
C
L = 15pF
t
DLE
LE Delay after L to H CLK
50
ns
tWLE
Width of LE Pulse
50
ns
t
SLE
LE Setup Time before L to H CLK
50
ns
t
ON
Delay from LE to HV
OUT, L to H
500
ns
tOFF
Delay from LE to HVOUT, H to L
500
ns
HV9708/HV9808



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com