Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9708 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9708
Description  32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9708 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9708 Datasheet HTML 1Page - Supertex, Inc HV9708 Datasheet HTML 2Page - Supertex, Inc HV9708 Datasheet HTML 3Page - Supertex, Inc HV9708 Datasheet HTML 4Page - Supertex, Inc HV9708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Pin Configurations
HV97
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 17
23
GND
2HVOUT 16
24
VPP
3HVOUT 15
25
VDD
4HVOUT 14
26
Latch Enable
5HVOUT 13
27
Data In
6HVOUT 12
28
Blanking
7HVOUT 11
29
NC
8HVOUT 10
30
HVout 32
9HVOUT 931
HVOUT 31
10
HVOUT 832
HVOUT 30
11
HVOUT 733
HVOUT 29
12
HVOUT 634
HVOUT 28
13
HVOUT 535
HVOUT 27
14
HVOUT 436
HVOUT 26
15
HVOUT 337
HVOUT 25
16
HVOUT 238
HVOUT 24
17
HVOUT 139
HVOUT 23
18
Data Out
40
HVOUT 22
19
NC
41
HVOUT 21
20
NC
42
HVOUT 20
21
Polarity
43
HVOUT 19
22
Clock
44
HVOUT 18
Package Outline
HV98
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 16
23
GND
2HVOUT 17
24
VPP
3HVOUT 18
25
VDD
4HVOUT 19
26
Latch Enable
5HVOUT 20
27
Data In
6HVOUT 21
28
Blanking
7HVOUT 22
29
NC
8HVOUT 23
30
HVOUT 1
9HVOUT 24
31
HVOUT 2
10
HVOUT 25
32
HVOUT 3
11
HVOUT 26
33
HVOUT 4
12
HVOUT 27
34
HVOUT 5
13
HVOUT 28
35
HVOUT 6
14
HVOUT 29
36
HVOUT 7
15
HVOUT 30
37
HVOUT 8
16
HVOUT 31
38
HVOUT 9
17
HVOUT 32
39
HVOUT 10
18
Data Out
40
HVOUT 11
19
NC
41
HVOUT 12
20
NC
42
HVOUT 13
21
Polarity
43
HVOUT 14
22
Clock
44
HVOUT 15
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package
HV9708/HV9808



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com