Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 9 Page - Supertex, Inc

Part # LR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button LR8 Datasheet HTML 3Page - Supertex, Inc LR8 Datasheet HTML 4Page - Supertex, Inc LR8 Datasheet HTML 5Page - Supertex, Inc LR8 Datasheet HTML 6Page - Supertex, Inc LR8 Datasheet HTML 7Page - Supertex, Inc LR8 Datasheet HTML 8Page - Supertex, Inc LR8 Datasheet HTML 9Page - Supertex, Inc LR8 Datasheet HTML 10Page - Supertex, Inc LR8 Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
LR8
Constant Current Operation
The LR8 may be configured to provide a constant current output. The current is independent of both supply voltage and load impedance.
Constant current operation finds application in driving LEDs and trickle-charging NiCad batteries, as shown below. The trickle charger is
for applications that require battery backup (i.e. no cycling), such as emergency lights.
Start-up Circuit
The schematic below depicts a simplified off-line switching power supply using the LR8 for start-up. When VBOOT rises above the LR8’s
output voltage, the LR8 goes into standby mode, consuming very little current. All current is then supplied from the bootstrap circuit rather
than from the high voltage source, increasing overall efficiency.
The output voltage of the LR8 should be set high enough above the minimum operating voltage of the PWM controller, yet low enough
to ensure the bootstrap circuit takes over after start-up.
With 240VAC input, instantaneous power dissipation can reach 3.4W (340VDC * 10mA). This level exceeds the LR8’s rating, but exists
for only as long as it takes for the supply to bootstrap. Thermal mass will prevent die temperature from rising quickly. If boot time is short,
die temperatures will not reach the overtemperature protection trip point. It is advisable to mount the LR8 on 2 oz. copper with an area
of at least 2.5 square centimeters.
Constant Current LED Driver
NiCad Battery Trickle Charger
Startup Current for Off-line Switching Power Supply
LR8
VIN
VOUT
PWM
Controller
R1
R2
D1
CIN
COUT
bootstrap
winding
AC
Mains
VBOOT
LR8
15V
to
450V
R
LR8
15V
to
450V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com