Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8 Datasheet(HTML) 1 Page - Supertex, Inc

  LR8 Datasheet HTML 1Page - Supertex, Inc LR8 Datasheet HTML 2Page - Supertex, Inc LR8 Datasheet HTML 3Page - Supertex, Inc LR8 Datasheet HTML 4Page - Supertex, Inc LR8 Datasheet HTML 5Page - Supertex, Inc LR8 Datasheet HTML 6Page - Supertex, Inc LR8 Datasheet HTML 7Page - Supertex, Inc LR8 Datasheet HTML 8Page - Supertex, Inc LR8 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
LR8
High Input Voltage
Adjustable 3-Terminal Linear Regulator
Features
❏ 12V to 450V input voltage range
❏ Adjustable 1.20V to 440V output regulation
❏ 5% output voltage tolerance
❏ Output current limiting
❏ 10µA typical ADJ current
❏ Internal junction temperature limiting
Applications
❏ Off-line SMPS startup circuits
❏ Adjustable high voltage constant current source
❏ Industrial Controls
❏ Motor controls
❏ Battery chargers
❏ Power supplies
General Description
The Supertex LR8 is a high voltage, low output current, adjustable
linear regulator. It has a wide operating input voltage range of
12V to 450V. The output voltage can be adjusted from 1.20V to
440V provided that the input voltage is at least 10V greater than
the output voltage. The output voltage can be adjusted by means
of two external resistors R1 and R2 as shown in the typical
application circuits. The LR8 regulates the voltage difference
between VOUT and ADJ pins to a nominal value of 1.20V. The
1.20V is amplified by the external resistor ratio R1 and R2. An
internal constant bias current of typically 10µA is connected to
the ADJ pin. This increases VOUT by a constant voltage of 10µA
times R2.
The LR8 has current limiting and temperature limiting. The
output current limit is typically 15mA and the minimum temperature
limit is 125°C. An output short circuit current will therefore be
limited to 15mA. When the junction temperature reaches its
temperature limit, the output current and/or output voltage will
decrease to keep the junction temperature from exceeding its
temperature limit. For SMPS start-up circuit applications, the
LR8 turns off when an external voltage greater than the output
voltage of the LR8 is applied to VOUT of the LR8. To maintain
stability, a bypass capacitor of 1.0µF or larger and a minimum DC
output current of 500µA are required.
The device is available in TO-92, TO-243AA (SOT-89), and
TO-252 (D-PAK) packages.
LR8
12/03/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
LR8 Block Diagram and Typical Application
LR8
VIN
V
OUT
ADJ
V
IN
*
*Required for conditions where VIN is less than VOUT.
R1
R2
C2
C1
RLOAD
VOUT


Similar Part No. - LR8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
Motor controls
01/27/15
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
200mA Low Consumption Linear Regulator
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
LR8095 LRC-LR8095 Datasheet
1Mb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
More results

Similar Description - LR8

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
Supertex, Inc
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
High Input Voltage Adjustable 3-Terminal Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com