Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2320TG Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC2320TG
Description  N- and P- Channel Enhancement-Mode Dual MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC2320TG Datasheet(HTML) 2 Page - Supertex, Inc

  TC2320TG Datasheet HTML 1Page - Supertex, Inc TC2320TG Datasheet HTML 2Page - Supertex, Inc TC2320TG Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TC2320
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
ID = 100µA, VGS = 0V
V
GS(th)
Gate Threshold Voltage
0.6
2.0
V
V
GS = VDS, ID = 1mA
∆VGS(th)
Change in V
GS(th) with Temperature
-4.5
mV/°CID = 1mA, VGS = VDS
IGSS
Gate Body Leakage
100
nA
VGS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
1.0
µAVGS = 0V, VDS = 100V
10.0
µAVGS = 0V, VDS = Max Rating
1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
0.6
A
VGS = 4.5V, VDS = 25V
1.2
V
GS = 10V, VDS = 25V
RDS(ON)
Static Drain-to-Source
8.0
Ω
VGS = 4.5V, ID = 150mA
ON-State Resistance
7.0
Ω
V
GS = 10V, ID = 1.0A
∆RDS(ON)
Change in RDS(ON) with Temperature
1.0
%/°CVGS = 4.5V, ID = 150mA
G
FS
Forward Transconductance
150
m
V
DS = 25V, ID = 200mA
C
ISS
Input Capacitance
110
C
OSS
Common Source Output Capacitance
60
pF
V
GS = 0V, VDS = 25V, f = 1MHz
CRSS
Reverse Transfer Capacitance
23
t
d(ON)
Turn-ON Delay Time
20
tr
Rise Time
15
t
d(OFF)
Turn-OFF Delay Time
25
t
f
Fall Time
25
VSD
Diode Forward Voltage Drop
1.8
V
ISD = 200mA, VGS = 0V
trr
Reverse Recovery Time
300
ns
ISD = 200mA, VGS = 0V
Notes:
1.All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
N-Channel Electrical Characteristics (@ 25°C unless otherwise specified)
V
DD = 25V
ns
I
D = 150mA
RGEN = 25Ω
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Switching Waveforms and Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com