Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2320TG Datasheet(PDF) 1 Page - Supertex, Inc

Part # TC2320TG
Description  N- and P- Channel Enhancement-Mode Dual MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC2320TG Datasheet(HTML) 1 Page - Supertex, Inc

  TC2320TG Datasheet HTML 1Page - Supertex, Inc TC2320TG Datasheet HTML 2Page - Supertex, Inc TC2320TG Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TC2320
04/23/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
TC2320
N- and P- Channel Enhancement-Mode Dual MOSFET
Features
❑ Low threshold
❑ Low on resistance
❑ Independent, electrically isolated N- and P-channels
❑ Low input capacitance
❑ Fast switching speeds
❑ Free from secondary breakdowns
❑ Low input and output leakage
Application
❑ Medical Ultrasound Transmitters
❑ High voltage pulsers
❑ Amplifiers
❑ Buffers
❑ Piezoelectric transducer drivers
❑ General purpose line drivers
❑ Logic level interfaces
Low Threshold DMOS Technology
The Supertex TC2320TG consist of a high voltage low threshold N-
channel and P-channel MOSFET in an SO-8 package. These low
threshold enhancement-mode (normally-off) transistors utilize an
advanced vertical DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, these devices are free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Absolute Maximum Ratings*
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
±20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
*Distance of 1.6mm from case for 10 seconds.
V
B
S
S
D
V
B
/
S
G
D
R
)
N
O
(
S
D
)
x
a
m
(e
g
a
k
c
a
P
/
r
e
b
m
u
N
r
e
d
r
O
l
e
n
n
a
h
C
-
Nl
e
n
n
a
h
C
-
Pl
e
n
n
a
h
C
-
Nl
e
n
n
a
h
C
-
P8
-
O
S
V
0
0
2V
0
0
2
-0
.
72
1G
T
0
2
3
2
C
T
Package Option
S1
G1
S2
G2
D2
D2
D1
D1
SO-8 Package
(top view)
N-Channel
P-Channel
1
2
3
4
6
5
7
8


Similar Part No. - TC2320TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC2320TG-G SUTEX-TC2320TG-G Datasheet
485Kb / 4P
N- and P-Channel Enhancement-Mode Dual MOSFET
TC2320TG-G SUTEX-TC2320TG-G Datasheet
379Kb / 4P
N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Microchip Technology
TC2320TGG MICROCHIP-TC2320TGG Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results

Similar Description - TC2320TG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com